Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3102 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM3102
Szczegółowy opis  SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3102 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM3102_14 Datasheet HTML 1Page - Texas Instruments LM3102_14 Datasheet HTML 2Page - Texas Instruments LM3102_14 Datasheet HTML 3Page - Texas Instruments LM3102_14 Datasheet HTML 4Page - Texas Instruments LM3102_14 Datasheet HTML 5Page - Texas Instruments LM3102_14 Datasheet HTML 6Page - Texas Instruments LM3102_14 Datasheet HTML 7Page - Texas Instruments LM3102_14 Datasheet HTML 8Page - Texas Instruments LM3102_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM3102
www.ti.com
SNVS515G – SEPTEMBER 2007 – REVISED JANUARY 2012
LM3102/LM3102Q SIMPLE SWITCHER Synchronous 1MHz 2.5A
Step-Down Voltage Regulator
Check for Samples: LM3102
1
FEATURES
Output over-voltage protection
Precision internal reference for an adjustable
2
LM3102Q is an automotive grade product that
output voltage down to 0.8V
is AEC-Q100 grade 1 qualified (-40°C to +125°C
operating junction temperature)
Thermal shutdown
Low component count and small solution size
TYPICAL APPLICATIONS
Stable with ceramic and other low ESR
capacitors
5VDC, 12VDC, 24VDC, 12VAC, and 24VAC
systems
No loop compensation required
Embedded Systems
High efficiency at a light load by DCM
operation
Industrial Control
Pre-bias startup
Automotive Telematics and Body Electronics
Ultra-fast transient response
Point of Load Regulators
Programmable soft-start
Storage Systems
Programmable switching frequency up to 1
Broadband Infrastructure
MHz
Direct Conversion from 2/3/4 Cell Lithium
Valley current limit
Batteries Systems
DESCRIPTION
The LM3102 Synchronously Rectified Buck Converter features all required functions to implement a highly
efficient and cost effective buck regulator. It is capable of supplying 2.5A to loads with an output voltage as low
as 0.8V. Dual N-Channel synchronous MOSFET switches allow a low component count, thus reducing
complexity and minimizing board size.
Different from most other COT regulators, the LM3102 does not rely on output capacitor ESR for stability, and is
designed to work exceptionally well with ceramic and other very low ESR output capacitors. It requires no loop
compensation, results in a fast load transient response and simple circuit implementation. The operating
frequency remains nearly constant with line variations due to the inverse relationship between the input voltage
and the on-time. The operating frequency can be externally programmed up to 1 MHz. Protection features
include VCC under-voltage lock-out, output over-voltage protection, thermal shutdown, and gate drive under-
voltage lock-out. The LM3102 is available in the thermally enhanced eTSSOP-20 package as well as a uSMD
low profile chip-scale package with reduced output current.
Table 1. Key Specifications
VALUE
UNIT
Input voltage range 4.5V-42V
2.5A output current
0.8V, ±1.5% reference
Integrated dual N-Channel main and synchronous MOSFETs
Thermally enhanced eTSSOP-20 package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM3102_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3102 TI-LM3102_15 Datasheet
1Mb / 30P
[Old version datasheet]   LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
More results

Podobny opis - LM3102_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Fitipower Integrated Te...
FP6375 FITIPOWER-FP6375 Datasheet
1Mb / 13P
   High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
logo
Texas Instruments
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com