Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U0603R103KCT Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części U0603R103KCT
Szczegółowy opis  Multilayer Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

U0603R103KCT Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button U0603R103KCT Datasheet HTML 2Page - List of Unclassifed Manufacturers U0603R103KCT Datasheet HTML 3Page - List of Unclassifed Manufacturers U0603R103KCT Datasheet HTML 4Page - List of Unclassifed Manufacturers U0603R103KCT Datasheet HTML 5Page - List of Unclassifed Manufacturers U0603R103KCT Datasheet HTML 6Page - List of Unclassifed Manufacturers U0603R103KCT Datasheet HTML 7Page - List of Unclassifed Manufacturers U0603R103KCT Datasheet HTML 8Page - List of Unclassifed Manufacturers U0603R103KCT Datasheet HTML 9Page - List of Unclassifed Manufacturers U0603R103KCT Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Nickel Barrier
Multilayer Ceramic Capacitors
Page 6
27/04/06 V1.0
Item
Performance
Test or Inspection Method
Humidity
(Steady
State)
and
Humidity
Load
External
Appearance
No mechanical damage
Humidity load: (Not apply for the product with rated voltage
≥250V):
Apply the rated voltage at temperature 40 ±2°C and humidity
90 to 95%RH for 1000+48/-0 hours.
Leave the capacitors in ambient condition for the following time
before measurement.
Class 1: 1~2 hours.
Class 2: 24 ±2 hours.
Charge / discharge current shall not exceed 50 mA.
Preconditioning: (only for class 2):
Apply the rated DC voltage for 1hour at 40 ±2°C. Remove and
let sit for 48 ±4 hours at room temperature.
Perform initial measurement.
Humidity (steady state):
The test procedure is same as that in Humidity load but only
without rated voltage applied.
Capacitance
Change
(
∆ C/C)
NPO: ±5% or ±0.5 pF maximum
(Whichever is larger)
X7R/X5R: ±12.5%
Y5V: ±30%
Z5U: ±30%
DF
NPO: C
≥30pF: Q ≥ 350
10pF
≤C<30pF:
Q
≥100+2.5°C
C
<10pF: 200+10°C
PS: C: Nominal Capacitance (pF)
C
<30pF:Q ≥ 400 + 20°C
PS: C : Nominal capacitance (pF)
X7R, X5R: Less than 2 times of initial
value
Y5V and Z5U: Less than 1.5 times of
initial value
IR
500M
Ω minimum or 25Ω *F
(Which ever is smaller)
Load Life
External
Appearance
No mechanical damage
Apply 2 x rated voltage at maximum operating temperature
±2°C for 1000 +48/-10 hours.
Leave the capacitors in ambient condition for the following time
before measurement.
Class I: 1~2 hours
Class II: 24 ±2 hours
Charge / discharge current shall. not exceed 50 mA.
Preconditioning: (only for class 2):
Apply 200% of the rated DC voltage for 1 hour at the maximum
operating temperature ±3°C. Remove and let sit for 24 ±2
hours at room temperature.
Perform initial measurement.
Capacitance
Change
(
∆ C/C)
NPO: ±3% or ±0.3 pF maximum
(Whichever is larger)
X7R/X5R: ±12.5%
Y5V: ±30%
Z5U: ±30%
DF
NPO: C
≥30pF : Q ≥ 350
30pF
>:C ≥10pF:
Q
≥ 275 +205°C
C
<10pF: Q ≥ 200 + 10°C
PS: C : Nominal capacitance (pF)
X7R, X5R: Less than 2 times of initial
value
Y5V and Z5U : Less than 1.5 times of
initial value
IR
1000M
Ω minimum or 50Ω *F
(Whichever is smaller)


Podobny numer części - U0603R103KCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
U0603R103KCT ETC2-U0603R103KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

Podobny opis - U0603R103KCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com