Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U0603R471KNT Arkusz danych(PDF) 7 Page - List of Unclassifed Manufacturers

Numer części U0603R471KNT
Szczegółowy opis  Multilayer Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

U0603R471KNT Arkusz danych(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button U0603R471KNT Datasheet HTML 3Page - List of Unclassifed Manufacturers U0603R471KNT Datasheet HTML 4Page - List of Unclassifed Manufacturers U0603R471KNT Datasheet HTML 5Page - List of Unclassifed Manufacturers U0603R471KNT Datasheet HTML 6Page - List of Unclassifed Manufacturers U0603R471KNT Datasheet HTML 7Page - List of Unclassifed Manufacturers U0603R471KNT Datasheet HTML 8Page - List of Unclassifed Manufacturers U0603R471KNT Datasheet HTML 9Page - List of Unclassifed Manufacturers U0603R471KNT Datasheet HTML 10Page - List of Unclassifed Manufacturers U0603R471KNT Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Nickel Barrier
Multilayer Ceramic Capacitors
Page 7
27/04/06 V1.0
Item
Performance
Test or Inspection Method
Vibration
External
Appearance
Without distinct Damage
(Not apply for 0402 product)
Solder the capacitors to the test jig as shown in figure below
with IR-Reflow method. The capacitor shall be subjected to a
simple harmonic motion with the entire frequency range, from
10 to 55 Hz and return to 10 Hz ,shall be transverse in 1 min.
Amplitude (total excursion): 1.5mm
Amplitude tolerance: ± 15%
This motion shall be applied for a period of 2
hours in each of 3 mutually perpendicular
directions (a total of 6 hours)
Capacitance
Change
(
∆ C/C)
NPO: ±2.5% or ±0.25 pF maximum
(Whichever is larger)
X7R/X5R: ±7.5%
Y5V, Z5U: ±20%
DF or Q
NPO: C
≥30pF : Q ≥ 1000
C
<30pF:Q ≥ 400 + 20°C
PS: C : Nominal capacitance (pF)
X7R, X5R, Y5V, Z5U : (Maximum Value)
Deflection
External
Appearance
No mechanical Damage
Bending
Strength
Flexure
≥ 1mm
Capacitance
Change
(
∆ C/C)
NPO: ±5% or ±0.5 pF maximum
(Whichever is larger)
X7R/X5R: ±12.5%
Y5V: ±30%
Temperature
Cycle
External
Appearance
No mechanical Damage
(Not apply for 0402 product)
The capacitor shall be subject 5 cycles according to four heat
treatments listed in the following table.
Then leave the capacitors in ambient condition for the
following time before measurement.
Class II: 2~24 hours
Preconditioning: (only for class 2):
Perform a heat treatment at 150+0-10°C for one hour and
then let sit for 24 ±2 hours at room temperature.
Perform initial measurement.
Capacitance
Change
(
∆ C/C)
NPO: ±2.5% or ±0.25 pF maximum
(Whichever is larger)
X7R/X5R: ±7.5%
Y5V: ±20%
DF
NPO: C
≥30pF : Q ≥ 1000
C
<30pF: Q ≥ 400 + 20°C
X7R, X5R, Y5V and Z5U (Maximum value)
IR
1000M
Ω minimum or 50Ω *F
(Whichever is smaller)
T.C.
≥≥
50V
25V
16V
≤≤10V
X7R/
X5R
2.5%
3.0%
3.5%
5.0%
Z5U
4.0%
-
-
-
Y5V
5.0%
7.5%
9.0% 12.5%
T.C.
≥≥
50V
25V
16V
≤≤10V
X7R/
X5R
2.5%
3.0%
3.5%
5.0%
Z5U
4.0%
-
-
-
Y5V
5.0%
7.5%
9.0% 12.5%
Step
Temperature (°C)
Duration
(Minutes)
1
Minimum Operation Temperature ±3
30 ±3
2
Room Temperature (25°C)
2 ~ 5
3
Minimum Operation Temperature ±3
30 ±3
4
Room Temperature (25°C)
2 ~ 5


Podobny numer części - U0603R471KNT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
U0603R103KCT ETC2-U0603R103KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U0603R220BCT ETC2-U0603R220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U0603R220BCT ETC2-U0603R220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U0603R220CCT ETC2-U0603R220CCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U0603R220DCT ETC2-U0603R220DCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

Podobny opis - U0603R471KNT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com