Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3489 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części LM3489
Szczegółowy opis  Hysteretic PFET Buck Controller with Enable Pin
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3489 Arkusz danych(HTML) 4 Page - Texas Instruments

  LM3489_14 Datasheet HTML 1Page - Texas Instruments LM3489_14 Datasheet HTML 2Page - Texas Instruments LM3489_14 Datasheet HTML 3Page - Texas Instruments LM3489_14 Datasheet HTML 4Page - Texas Instruments LM3489_14 Datasheet HTML 5Page - Texas Instruments LM3489_14 Datasheet HTML 6Page - Texas Instruments LM3489_14 Datasheet HTML 7Page - Texas Instruments LM3489_14 Datasheet HTML 8Page - Texas Instruments LM3489_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM3489
SNVS443A – MAY 2006 – REVISED JUNE 2008
www.ti.com
Electrical Characteristics
(1), (2)
Specifications in Standard type face are for TJ = 25°C, and in bold type face apply over the full Operating Temperature
Range (TJ = −40°C to +125°C). Unless otherwise specified, VIN = 12V, VISNS = VIN − 1V, and VADJ = VIN − 1.1V. Datasheet
min/max specification limits are guaranteed by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ISHDN
Shutdown input supply current
EN = 0V
7
15
µA
VEN
Enable threshold voltage
Enable rising
1.15
1.5
1.85
V
VEN_HYST
Enable threshold hysteresis
130
mV
IQ
Quiescent Current at ground pin
FB = 1.5V (Not Switching)
280
400
µA
VFB
Feedback Voltage
1.223
1.239
1.255
V
(3)
1.214
1.264
VHYST
Comparator Hysteresis
10
15
mV
14
20
VCL_OFFSET
Current limit comparator offset
VFB = 1.0V
-20
0
+20
mV
ICL_ADJ
Current limit ADJ current source
VFB = 1.5V
3.0
5.5
7.0
µA
TCL
Current limit one shot off time
VADJ = 11.5V
6
9
14
µs
VISNS = 11.0V
VFB = 1.0V
RPGATE
Driver resistance
Source
5.5
ISOURCE = 100mA
Sink
8.5
ISINK = 100mA
IPGATE
Driver Output current
Source
0.44
A
VIN = 7V, PGATE = 3.5V
Sink
0.1
VIN = 7V, PGATE = 3.5V
IFB
FB pin Bias Current
VFB = 1.0V
300
750
nA
(4)
TONMIN_NOR
Minimum on time in normal
VISNS = VADJ + 0.1V
100
ns
operation
Cload on OUT = 1000pF (Note 10)
TONMIN_CL
Minimum on time in current limit
VISNS = VADJ - 0.1V
200
ns
VFB = 1.0V
Cload on OUT = 1000pF (Note 10)
%VFB/ΔVIN
Feedback Voltage Line Regulation
4.5
≤ VIN ≤ 35V
0.01
%/V
(1)
All limits are guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room
temperature limits are 100% tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality
Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
The VFB is the trip voltage at the FB pin when PGATE switches from high to low.
(4)
Bias current flows out from the FB pin.
4
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Links: LM3489


Podobny numer części - LM3489_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3489 TI-LM3489_15 Datasheet
1,022Kb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller With Enable Pin
More results

Podobny opis - LM3489_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3489 TI-LM3489_15 Datasheet
1,022Kb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller With Enable Pin
logo
National Semiconductor ...
LM3489 NSC-LM3489_08 Datasheet
356Kb / 16P
   Hysteretic PFET Buck Controller with Enable Pin
LM3489 NSC-LM3489 Datasheet
793Kb / 15P
   Hysteretic PFET Buck Controller with Enable Pin
logo
Texas Instruments
LM3489 TI1-LM3489 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller With Enable Pin
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com