Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3673 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części LM3673
Szczegółowy opis  2MHz, 350mA Step-Down DC-DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3673 Arkusz danych(HTML) 4 Page - Texas Instruments

  LM3673 Datasheet HTML 1Page - Texas Instruments LM3673 Datasheet HTML 2Page - Texas Instruments LM3673 Datasheet HTML 3Page - Texas Instruments LM3673 Datasheet HTML 4Page - Texas Instruments LM3673 Datasheet HTML 5Page - Texas Instruments LM3673 Datasheet HTML 6Page - Texas Instruments LM3673 Datasheet HTML 7Page - Texas Instruments LM3673 Datasheet HTML 8Page - Texas Instruments LM3673 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM3673
SNVS434J – JULY 2006 – REVISED NOVEMBER 2006
www.ti.com
Electrical Characteristics
(1) (2) (3)
Limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the full operating ambient temperature range
(
−30°C ≤ TA ≤ +85°C). Unless otherwise noted, specifications apply to the LM3673TL with VIN = EN = 3.6V
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Input Voltage
(4)
2.7
5.5
V
VFB
Feedback Voltage (Fixed / ADJ) TL
PWM mode (5)
-2.5
+2.5
%
Line Regulation
2.7V
≤ VIN ≤ 5.5V
0.025
%/V
IO = 20 mA
Load Regulation
150 mA
≤ IO ≤ 350 mA
0.0015
%/mA
VIN= 3.6V
VREF
Internal Reference Voltage
0.5
V
ISHDN
Shutdown Supply Current
EN = 0V
0.01
1
µA
IQ
DC Bias Current into VIN
No load, device is not switching (FB
16
35
µA
forced higher than programmed
output voltage)
RDSON (P)
Pin-Pin Resistance for PFET
VIN= VGS= 3.6V
350
450
m
RDSON (N)
Pin-Pin Resistance for NFET
VIN= VGS= 3.6V
150
250
m
ILIM
Switch Peak Current Limit
Open Loop (6)
590
750
855
mA
VIH
Logic High Input
1.0
V
VIL
Logic Low Input
0.4
V
IEN
Enable (EN) Input Current
0.01
1
µA
FOSC
Internal Oscillator Frequency
PWM Mode (5)
1.6
2
2.6
MHz
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are guaranteed by design, test or statistical analysis. Typical numbers are not guaranteed, but do represent the most
likely norm.
(3)
The parameters in the electrical characteristic table are tested at VIN= 3.6V unless otherwise specified. For performance over the input
voltage range refer to datasheet curves.
(4)
The input voltage range recommended for ideal applications performance for the specified output voltages are given below:VIN = 2.7V to
4.5V for 1.1V
≤ VOUT < 1.5VVIN = 2.7V to 5.5V for 1.5V ≤ VOUT < 1.8VVIN = (VOUT+ VDROPOUT) to 5.5V for 1.8V ≤ VOUT ≤ 3.3Vwhere
VDROPOUT = ILOAD *( RDSON, PFET + RINDUCTOR)
(5)
Test condition: for VOUT less than 2.5V, VIN = 3.6V; for VOUT greater than or equal to 2.5V, VIN = VOUT + 1V.
(6)
Refer to datasheet curves for closed loop data and its variation with regards to supply voltage and temperature. Electrical Characteristic
table reflects open loop data (FB=0V and current drawn from SW pin ramped up until cycle by cycle current limit is activated). Closed
loop current limit is the peak inductor current measured in the application circuit by increasing output current until output voltage drops
by 10%.
Electrical Characteristics
(1) (2) (3) Dissipation Rating Table
θJA
TA≤ 25°C
TA= 60°C
TA= 85°C
Power Rating
Power Rating
Power Rating
85°C/W (4 layer board) 5-Bump
1179mW
765mW
470mW
MicroSMD
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are guaranteed by design, test or statistical analysis. Typical numbers are not guaranteed, but do represent the most
likely norm.
(3)
The parameters in the electrical characteristic table are tested at VIN= 3.6V unless otherwise specified. For performance over the input
voltage range refer to datasheet curves.
4
Submit Documentation Feedback
Copyright © 2006, Texas Instruments Incorporated
Product Folder Links: LM3673


Podobny numer części - LM3673

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3673 TI-LM3673 Datasheet
4Mb / 28P
[Old version datasheet]   2-MHz, 350-mA Step-Down DC-DC Converter
LM3673TL-1.2/NOPB TI-LM3673TL-1.2/NOPB Datasheet
4Mb / 28P
[Old version datasheet]   2-MHz, 350-mA Step-Down DC-DC Converter
LM3673TL-1.5/NOPB TI-LM3673TL-1.5/NOPB Datasheet
4Mb / 28P
[Old version datasheet]   2-MHz, 350-mA Step-Down DC-DC Converter
LM3673TL-1.8/NOPB TI-LM3673TL-1.8/NOPB Datasheet
4Mb / 28P
[Old version datasheet]   2-MHz, 350-mA Step-Down DC-DC Converter
LM3673TL-ADJ/NOPB TI-LM3673TL-ADJ/NOPB Datasheet
4Mb / 28P
[Old version datasheet]   2-MHz, 350-mA Step-Down DC-DC Converter
More results

Podobny opis - LM3673

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
AiT Semiconductor Inc.
A7115B AITSEMI-A7115B Datasheet
408Kb / 11P
   DC-DC CONVERTER BUCK (STEP-DOWN) 1.5A 2MHz SYNCHRONOUS
REV1.4 - MAY 2018
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
   DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
National Semiconductor ...
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com