Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW84 Arkusz danych(PDF) 2 Page - Savantic, Inc.

Numer części BDW84
Szczegółowy opis  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BDW84 Arkusz danych(HTML) 2 Page - Savantic, Inc.

  BDW84 Datasheet HTML 1Page - Savantic, Inc. BDW84 Datasheet HTML 2Page - Savantic, Inc. BDW84 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
BDW84/84A/84B/84C/84D
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDW84
-45
BDW84A
-60
BDW84B
-80
BDW84C
-100
V(BR)CEO
Collector-emitter
breakdown voltage
BDW84D
IC=-30mA, IB=0
-120
V
VCEsat-1
Collector-emitter saturation voltage
IC=-6A ,IB=-12mA
-2.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=-15A ,IB=-150mA
-4.0
V
VBE
Base-emitter on voltage
IC=-6A ; VCE=-3V
-2.5
V
BDW84
VCB=-45V, IE=0
TC=150
-0.5
-5.0
BDW84A
VCB=-60V, IE=0
TC=150
-0.5
-5.0
BDW84B
VCB=-80V, IE=0
TC=150
-0.5
-5.0
BDW84C
VCB=-100V, IE=0
TC=150
-0.5
-5.0
ICBO
Collector
cut-off current
BDW84D
VCB=-120V, IE=0
TC=150
-0.5
-5.0
mA
BDW84
VCE=-30V, IB=0
BDW84A
VCE=-30V, IB=0
BDW84B
VCE=-40V, IB=0
BDW84C
VCE=-50V, IB=0
ICEO
Collector
cut-off current
BDW84D
VCE=-60V, IB=0
-1
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-2
mA
hFE-1
DC current gain
IC=-6A ; VCE=-3V
750
20000
hFE-2
DC current gain
IC=-15A ; VCE=-3V
100
VEC
Diode forward voltage
IE=-15A
-3.5
V
ton
Turn-on time
0.9
As
toff
Turn-off time
IC =-10 A, IB1 =-IB2=-40 mA
RL=3B; VBE(off) =4.2V
Duty CycleC2%
7.0
As
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
0.83
/W


Podobny numer części - BDW84

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BDW84 POINN-BDW84 Datasheet
155Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW84 BOURNS-BDW84 Datasheet
121Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BDW84 SAVANTIC-BDW84 Datasheet
148Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BDW84 ISC-BDW84 Datasheet
136Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
BDW84 COMSET-BDW84 Datasheet
122Kb / 3P
   PNP SILICON DARLINGTONS POWER TRANSISTORS
More results

Podobny opis - BDW84

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com