Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM26001Q Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części LM26001Q
Szczegółowy opis  1.5A Switching Regulator with High Efficiency Sleep Mode
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM26001Q Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button LM26001Q Datasheet HTML 4Page - Texas Instruments LM26001Q Datasheet HTML 5Page - Texas Instruments LM26001Q Datasheet HTML 6Page - Texas Instruments LM26001Q Datasheet HTML 7Page - Texas Instruments LM26001Q Datasheet HTML 8Page - Texas Instruments LM26001Q Datasheet HTML 9Page - Texas Instruments LM26001Q Datasheet HTML 10Page - Texas Instruments LM26001Q Datasheet HTML 11Page - Texas Instruments LM26001Q Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
0
50
100
150
200
250
300
350
400
450
500
3
3.5
4
4.5
5
5.5
VIN (V)
1A 125°C
1A 25°C
1A -40°C
40mA -40°C
40mA
25 to 125°C
LM26001, LM26001Q
SNVS430F – MAY 2006 – REVISED NOVEMBER 2010
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified the following conditions apply: Vin = 12V, TJ = 25°C.
Low Input Voltage Dropout
Nominal VOUT = 5V
Figure 14.
8
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Links: LM26001 LM26001Q


Podobny numer części - LM26001Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM26001QMXA/NOPB TI-LM26001QMXA/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
LM26001QMXAX/NOPB TI-LM26001QMXAX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
More results

Podobny opis - LM26001Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001B TI-LM26001B_15 Datasheet
1,017Kb / 27P
[Old version datasheet]   LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26003 TI-LM26003_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
LM26001 TI-LM26001_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com