Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD4E110 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD4E110
Szczegółowy opis  4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E110 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TPD4E110 Datasheet HTML 3Page - Texas Instruments TPD4E110 Datasheet HTML 4Page - Texas Instruments TPD4E110 Datasheet HTML 5Page - Texas Instruments TPD4E110 Datasheet HTML 6Page - Texas Instruments TPD4E110 Datasheet HTML 7Page - Texas Instruments TPD4E110 Datasheet HTML 8Page - Texas Instruments TPD4E110 Datasheet HTML 9Page - Texas Instruments TPD4E110 Datasheet HTML 10Page - Texas Instruments TPD4E110 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
IO1
IO2
IO3
IO4
TPD4E110
www.ti.com
SLVSC54B – JULY 2013 – REVISED APRIL 2014
8 Detailed Description
8.1 Overview
TPD4E110DPW is a uni-directional ESD protection device with ultra-low capacitance. The device is constructed
with a central ESD clamp that features two hiding diodes per channel to reduce the capacitive loading. Each
channel is rated to dissipate ESD strikes above the maximum level specified in the IEC61000-4-2 level 4
international standard. The TPD4E110DPW's ultra-low loading capacitance makes the device ideal for protecting
high-speed signal terminals. The 0.8 mm x 0.8 mm package is designed for space saving designs. The pinout
allows for straight through routing of 2 differential pairs when PCB manufacturing which feature sizes of 2.8 mils
(0.071 mm).
8.2 Functional Block Diagram
8.3 Feature Description
TPD4E110 is a uni-directional Electrostatic Discharge (ESD) protection device with ultra-low capacitance. The
device is constructed with a central ESD clamp that features two hiding diodes per line to reduce the capacitive
loading. Each line is rated to dissipate ESD strikes above the maximum level specified in the IEC61000-4-2 level
4 international standard. The TPD4E110's ultra-low loading capacitance makes it ideal for protecting high-speed
signal terminals.
8.4 Device Functional Modes
TPD4E110 is a passive integrated circuit that activates whenever voltages above VBR or below the lower diodes
Vforward (–0.6V) are present upon the circuit being protected. During ESD events, voltages as high as ±15 kV can
be directed to ground via the internal diode network. Once the voltages on the protected line fall below the trigger
levels of TPD4E110 (usually within 10’s of nano-seconds) the device reverts to passive.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPD4E110


Podobny numer części - TPD4E110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD4E110 TI1-TPD4E110 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110DPW TI1-TPD4E110DPW Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110DPWR TI1-TPD4E110DPWR Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
More results

Podobny opis - TPD4E110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD4E110 TI1-TPD4E110_16 Datasheet
9Mb / 21P
[Old version datasheet]   4 Channel Protection Solution for Super-Speed (Up to 6 GBPS) Interface
TPD1E05U06 TI-TPD1E05U06 Datasheet
518Kb / 15P
[Old version datasheet]   1, 4, 6 CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (UP TO 6 GBPS) INTERFACE
TPD2EUSB30_1012 TI1-TPD2EUSB30_1012 Datasheet
1Mb / 16P
[Old version datasheet]   2, 4-CHANNEL PROTECTION SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
DECEMBER2010
TPD1E05U06 TI1-TPD1E05U06_16 Datasheet
1Mb / 29P
[Old version datasheet]   1, 4, 6 Channel ESD Protection Device for Super-Speed (up to 6 Gbps) Interface
TPD1E05U06 TI-TPD1E05U06_V01 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
DECEMBER 2021
TPD1E05U06 TI-TPD1E05U06_V02 Datasheet
3Mb / 36P
[Old version datasheet]   TPDxE05U06 1, 4, 6 Channel ESD Protection Device for Super-Speed (Up to 6 Gbps) Interface
FEBRUARY 2022
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
[Old version datasheet]   2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30 Datasheet
958Kb / 10P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_1 Datasheet
1Mb / 13P
[Old version datasheet]   2-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD4E05U06-Q1 TI1-TPD4E05U06-Q1 Datasheet
1,004Kb / 22P
[Old version datasheet]   1 and 4 Channel ESD Protection Diodes for SuperSpeed (Up to 6 Gbps) Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com