Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD8S009 Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD8S009
Szczegółowy opis  8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPD8S009 Arkusz danych(HTML) 2 Page - Texas Instruments

  TPD8S009 Datasheet HTML 1Page - Texas Instruments TPD8S009 Datasheet HTML 2Page - Texas Instruments TPD8S009 Datasheet HTML 3Page - Texas Instruments TPD8S009 Datasheet HTML 4Page - Texas Instruments TPD8S009 Datasheet HTML 5Page - Texas Instruments TPD8S009 Datasheet HTML 6Page - Texas Instruments TPD8S009 Datasheet HTML 7Page - Texas Instruments TPD8S009 Datasheet HTML 8Page - Texas Instruments TPD8S009 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
GND
GND
V
CC
D3–
D3+
D2–
D2+
D1–
D1+
D0–
D0+
TPD8S009
SLVS816 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
SON – DSM
Tape and reel
TPD8S009DSMR
PK009
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
BLOCK DIAGRAM
TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
D0+, D0–,
1, 3,
D1+, D1–,
4, 6,
High-speed ESD clamp provides ESD protection to the high-speed display port/HDMI
ESD port
D2+, D2–,
7, 9,
differential data lines.
D3+, D3–
10, 12
2, 5,
GND
GND
Ground
8, 11
N.C.
14
No connect
No internal signal connection
VCC
13, 15
Supply
I/O supply
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPD8S009


Podobny numer części - TPD8S009

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD8S009 TI-TPD8S009 Datasheet
637Kb / 10P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009 TI-TPD8S009 Datasheet
865Kb / 12P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009DSMR TI-TPD8S009DSMR Datasheet
637Kb / 10P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009DSMR TI-TPD8S009DSMR Datasheet
865Kb / 12P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009DSMR TI1-TPD8S009DSMR Datasheet
1Mb / 19P
[Old version datasheet]   8-Channel ESD Protection for DisplayPort and HDMI
More results

Podobny opis - TPD8S009

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD8S009 TI-TPD8S009 Datasheet
637Kb / 10P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009 TI-TPD8S009_1 Datasheet
865Kb / 12P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009 TI1-TPD8S009_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-Channel ESD Protection for DisplayPort and HDMI
logo
Infineon Technologies A...
BGF128 INFINEON-BGF128 Datasheet
558Kb / 6P
   HDMI Interface ESD Protection
V2.1, April 2009
logo
Bourns Electronic Solut...
CDDFN10-0524P BOURNS-CDDFN10-0524P Datasheet
739Kb / 1P
   HDMI 1.3 - ESD & Overcurrent Protection
logo
NXP Semiconductors
IP4280CZ10 NXP-IP4280CZ10 Datasheet
63Kb / 8P
   ESD protection for HDMI interface
Rev. 01-6 June 2007
logo
Bourns Electronic Solut...
CG0402MLU-05G BOURNS-CG0402MLU-05G Datasheet
782Kb / 1P
   HDMI 1.4 - ESD & Overcurrent Protection
logo
Nexperia B.V. All right...
IP4280CZ10 NEXPERIA-IP4280CZ10 Datasheet
178Kb / 9P
   ESD protection for HDMI interface
Rev. 01 - 6 June 2007
logo
List of Unclassifed Man...
CG0402MLU-05G ETC2-CG0402MLU-05G_12 Datasheet
212Kb / 1P
   HDMI 1.4 - ESD & Overcurrent Protection
logo
Texas Instruments
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com