Zakładka z wyszukiwarką danych komponentów |
|
SZN4956 Arkusz danych(PDF) 1 Page - Solid States Devices, Inc |
|
SZN4956 Arkusz danych(HTML) 1 Page - Solid States Devices, Inc |
1 / 3 page NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: Z00010D DOC Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com Designer’s Data Sheet FEATURES: • Hermetically Glass Sealed • High Power Dissipation 5W • Tight Voltage Tolerance 5% • For other Voltage, Power, or Tolerance Consult Factory. • TX, TXV, and S-Level Screening Available 5/. • Replacement for 1N4954 – 1N4996 Part Number/Ordering Information 4/ SZN __ __ __ └ Screening 5/ __ = Not Screened TX = TX Level TXV = TXV S = S Level │ │ │ │ └ Package Type 6/ __ = Axial Leaded SMS = Surface Mount Square Tab K = 40 Mil Lead Diameter │ │ │ │ │ │ │ └ Device / Voltage 4954 - 4996 DIM MIN. MAX A --- .158” B --- .185” C (__) .047” .053” C (K) .038” .042” D 1.00” --- AXIAL (K & __) All dimensions are prior to soldering DIM MIN. MAX. A .155” .185” B .190” .220” C .023” .027” D Body to Tab Clearance: .001” SQUARE TAB (SMS) All dimensions are prior to soldering SZN4954 thru SZN4996 5 W 6.8 – 390 VOLTS ZENER DIODES Maximum Ratings Symbol SZN4954-4996 Units Nominal Zener Voltage VZ 6.8 - 390 V Continuous Power @ 65ºC PD 5 W Operating and Storage Temp. Top,Tstg -65 to +175 ºC Thermal Resistance Junction to Lead, L=3/8” (Axial) (__) K - axial RθJL 34 45 ºC/W Thermal Resistance Junction to End Cap (SMS) RθJE 7 ºC/W |
Podobny numer części - SZN4956 |
|
Podobny opis - SZN4956 |