Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW93A Arkusz danych(PDF) 2 Page - Savantic, Inc.

Numer części BDW93A
Szczegółowy opis  BDW93/A/B/CSilicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BDW93A Arkusz danych(HTML) 2 Page - Savantic, Inc.

  BDW93A Datasheet HTML 1Page - Savantic, Inc. BDW93A Datasheet HTML 2Page - Savantic, Inc. BDW93A Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BDW93/A/B/C
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDW93
45
BDW93A
60
BDW93B
80
VCEO(SUS)
Collector-emitter
sustaining voltage
BDW93C
IC=0.1A, IB=0
100
V
VCEsat-1
Collector-emitter saturation voltage
IC=5A ,IB=20mA
2.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=10A ,IB=0.1A
3.0
V
VBEsat-1
Base-emitter saturation voltage
IC=5A ,IB=20mA
2.5
V
VBEsat-2
Base-emitter saturation voltage
IC=10A ,IB=0.1A
4.0
V
BDW93
VCB=45V, IE=0
BDW93A
VCB=60V, IE=0
BDW93B
VCB=80V, IE=0
ICBO
Collector
cut-off current
BDW93C
VCB=100V, IE=0
0.1
mA
BDW93
VCE=45V, IB=0
BDW93A
VCE=60V, IB=0
BDW93B
VCE=80V, IB=0
ICEO
Collector
cut-off current
BDW93C
VCE=100V, IB=0
1.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
2
mA
hFE-1
DC current gain
IC=3A ; VCE=3V
1000
hFE-2
DC current gain
IC=5A ; VCE=3V
750
20000
hFE-3
DC current gain
IC=10A ; VCE=3V
100
VF-1
Forward diode voltage
IF=5A
2.0
V
VF-2
Forward diode voltage
IF=10A
4.0
V


Podobny numer części - BDW93A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
BDW93A MOSPEC-BDW93A Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
Power Innovations Ltd
BDW93A POINN-BDW93A Datasheet
147Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDW93A FAIRCHILD-BDW93A Datasheet
39Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
logo
Bourns Electronic Solut...
BDW93A BOURNS-BDW93A Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BDW93A SAVANTIC-BDW93A Datasheet
94Kb / 3P
   Silicon NPN Power Transistors
More results

Podobny opis - BDW93A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE2328 NTE-NTE2328 Datasheet
22Kb / 2P
   cSilicon Complementary Transistors Audio Power Output
logo
ON Semiconductor
2N3773 ONSEMI-2N3773_13 Datasheet
125Kb / 5P
   NPN Power Transistors 16 A NPN POWER TRANSISTORS 140 V, 150 W
April, 2013 ??Rev. 11
logo
NXP Semiconductors
BC635 NXP-BC635 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC637 NXP-BC637 Datasheet
161Kb / 15P
   60 V, 1 A NPN medium power transistors
Rev. 07-25 June 2007
BCX56-16.115 NXP-BCX56-16.115 Datasheet
161Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 08-22 June 2007
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
logo
Nexperia B.V. All right...
BC55PA_SER NEXPERIA-BC55PA_SER Datasheet
250Kb / 12P
   60 V, 1 A NPN medium power transistors
Rev. 9 - 1 July 2022
BC56PA_SER NEXPERIA-BC56PA_SER Datasheet
250Kb / 13P
   80 V, 1 A NPN medium power transistors
Rev. 10 - 1 July 2022
BCX56T_SER NEXPERIA-BCX56T_SER Datasheet
239Kb / 12P
   80 V, 1 A NPN power bipolar transistors
Rev. 1 - 22 August 2019
BCX54T_SER NEXPERIA-BCX54T_SER Datasheet
239Kb / 12P
   45 V, 1 A NPN power bipolar transistors
Rev. 1 - 22 August 2019
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com