Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMEPR30C-4864AZ Arkusz danych(PDF) 2 Page - AIMTEC

Numer części AMEPR30C-4864AZ
Szczegółowy opis  LED Driver / Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR30C-4864AZ Arkusz danych(HTML) 2 Page - AIMTEC

  AMEPR30C-4864AZ Datasheet HTML 1Page - AIMTEC AMEPR30C-4864AZ Datasheet HTML 2Page - AIMTEC AMEPR30C-4864AZ Datasheet HTML 3Page - AIMTEC AMEPR30C-4864AZ Datasheet HTML 4Page - AIMTEC AMEPR30C-4864AZ Datasheet HTML 5Page - AIMTEC AMEPR30C-4864AZ Datasheet HTML 6Page - AIMTEC AMEPR30C-4864AZ Datasheet HTML 7Page - AIMTEC AMEPR30C-4864AZ Datasheet HTML 8Page - AIMTEC AMEPR30C-4864AZ Datasheet HTML 9Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Series AMEPR30C-AZ
up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.C
2 of 9
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±3
%
Line regulation
(LL-HL)
±2
%
Load regulation
0-100% load
±3
%
Ripple & Noise*
100
mV p-p
Hold-up time
50
ms
Current adjustment range
100-10
%
*Ripple and Noise are measured at 20MHz bandwidth by using a 0.1μF (M/C) or (C/C) and 47µF (E/C) parallel capacitor.
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested voltage
I/O
3sec
3750
VAC
I/FG
2000
VAC
O/FG
500
VAC
Isolation Resistance
500VDC
>1000
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
130
KHz
Over current protection
≧105
%
Over voltage protection
≧105
%
Short circuit protection
Auto recovery
Over temperature protection
Detect case temperature
125°C
oC
Operating temperature
With derating over °C
Refer to model application
oC
Maximum case temperature
100
oC
Storage temperature
-40 to +95
oC
Temperature coefficient
±0.02
% / oC
Cooling
Free air convection
Humidity
Non condensing
20~95
% RH
Case material
Plastic
Potting
Epoxy (IP68 rated)
Wires
UL1015 18AWG * 20CM
Weight
540
g
Dimensions
137.33 x 60 x 40.50 mm (5.41 x 2.36 x 1.59 inches)
MTBF
>400,000 hrs (MIL-HDBK-217F at t=+25°C)
Safety Specifications
Parameters
Agency approvals
cULus, CE
Standards
UL8750, UL60950-1, EN55022, class B, EN60529(IP68), EN61347-1, EN61347-2-13
Information Technology Equipment
EN55022 Class B
Harmonic Current Emissions
IEC/EN 61000-3-2, Class C
Voltage fluctuations and flicker
IEC/EN 61000-3-3, (EN60555-3)
Electrostatic Discharge Immunity
IEC 61000-4-2 Level 3
RF, Electromagnetic Field Immunity
IEC 61000-4-3 Level 2
Electrical Fast Transient / Burst Immunity
IEC 61000-4-4 Level 2
Surge Immunity
IEC 61000-4-5 Level 3
RF, Conducted Disturbance Immunity
IEC 61000-4-6 Level 2
Power frequency Magnetic Field Immunity
IEC 61000-4-8 Level 1
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11


Podobny numer części - AMEPR30C-4864AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMEPR30C-4864AZ AIMTEC-AMEPR30C-4864AZ Datasheet
760Kb / 17P
   Over temperature protection
AMEPR30C-4864AZ AIMTEC-AMEPR30C-4864AZ Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-4864AZ AIMTEC-AMEPR30C-4864AZ Datasheet
760Kb / 17P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
More results

Podobny opis - AMEPR30C-4864AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMER90C-50180CAZ AIMTEC-AMER90C-50180CAZ Datasheet
967Kb / 6P
   LED Driver / Converter
AMER150C-50300CAZ AIMTEC-AMER150C-50300CAZ Datasheet
979Kb / 7P
   LED Driver / Converter
AMER120C-50250AZ AIMTEC-AMER120C-50250AZ Datasheet
1Mb / 6P
   LED Driver / Converter
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ Datasheet
592Kb / 7P
   LED Driver / Converter
AMER90C-50180AZ AIMTEC-AMER90C-50180AZ Datasheet
967Kb / 6P
   LED Driver / Converter
AMER120C-50250CAZ AIMTEC-AMER120C-50250CAZ Datasheet
978Kb / 6P
   LED Driver / Converter
AMER150C-50300AZ AIMTEC-AMER150C-50300AZ Datasheet
1Mb / 7P
   LED Driver / Converter
logo
Zetex Semiconductors
ZXSC400 ZETEX-ZXSC400 Datasheet
195Kb / 16P
   LED DRIVER BOOST CONVERTER
logo
Diodes Incorporated
ZXSC400 DIODES-ZXSC400 Datasheet
203Kb / 16P
   LED DRIVER BOOST CONVERTER
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com