Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2736 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części LM2736
Szczegółowy opis  Thin SOT23 750mA Load Step-Down DC-DC Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2736 Arkusz danych(HTML) 2 Page - Texas Instruments

  LM2736_14 Datasheet HTML 1Page - Texas Instruments LM2736_14 Datasheet HTML 2Page - Texas Instruments LM2736_14 Datasheet HTML 3Page - Texas Instruments LM2736_14 Datasheet HTML 4Page - Texas Instruments LM2736_14 Datasheet HTML 5Page - Texas Instruments LM2736_14 Datasheet HTML 6Page - Texas Instruments LM2736_14 Datasheet HTML 7Page - Texas Instruments LM2736_14 Datasheet HTML 8Page - Texas Instruments LM2736_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
1
2
3
6
5
4
1
2
3
6
5
4
BOOST
GND
FB
SW
VIN
EN
LM2736
SNVS316E – SEPTEMBER 2004 – REVISED SEPTEMBER 2011
www.ti.com
Efficiency
vs
Load Current "X"
VIN = 5V, VOUT = 3.3V
Connection Diagram
Figure 1. 6-Lead TSOT
Figure 2. Pin 1 Indentification
Pin Functions
Pin Descriptions
Pin
Name
Function
1
BOOST
Boost voltage that drives the internal NMOS control switch. A bootstrap
capacitor is connected between the BOOST and SW pins.
2
GND
Signal and Power ground pin. Place the bottom resistor of the feedback
network as close as possible to this pin for accurate regulation.
3
FB
Feedback pin. Connect FB to the external resistor divider to set output
voltage.
4
EN
Enable control input. Logic high enables operation. Do not allow this pin to
float or be greater than VIN + 0.3V.
5
VIN
Input supply voltage. Connect a bypass capacitor to this pin.
6
SW
Output switch. Connects to the inductor, catch diode, and bootstrap
capacitor.
2
Submit Documentation Feedback
Copyright © 2004–2011, Texas Instruments Incorporated
Product Folder Links: LM2736


Podobny numer części - LM2736_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
More results

Podobny opis - LM2736_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z NSC-LM2734Z Datasheet
775Kb / 9P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
[Old version datasheet]   Thin SOT23 1A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com