Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMER120C-24500CAZ Arkusz danych(PDF) 2 Page - AIMTEC

Numer części AMER120C-24500CAZ
Szczegółowy opis  LED Driver / Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER120C-24500CAZ Arkusz danych(HTML) 2 Page - AIMTEC

  AMER120C-24500CAZ Datasheet HTML 1Page - AIMTEC AMER120C-24500CAZ Datasheet HTML 2Page - AIMTEC AMER120C-24500CAZ Datasheet HTML 3Page - AIMTEC AMER120C-24500CAZ Datasheet HTML 4Page - AIMTEC AMER120C-24500CAZ Datasheet HTML 5Page - AIMTEC AMER120C-24500CAZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series AMER120C-CAZ
up to 5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.B
2 of 6
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±3
%
Line regulation
(LL-HL)
±2
%
Load regulation
0-100% load
±3
%
Ripple & Noise*
150
mV p-p
Hold-up time
80
ms
Current adjustment range
100-10
%
RippleandNoisearemeasuredat20MHzbandwidthbyusinga0.1μF(M/C)or(C/C)and47µF(E/C)parallelcapacitor.
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested voltage
I/O
3sec
3750
VAC
I/FG
2000
VAC
O/FG
500
VAC
Isolation resistance
500VDC
>1000
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
125
KHz
Over current protection
105
%
Over voltage protection
105
%
Short circuit protection
Continuous
Short circuit restart
Auto recovery
Over temperature protection
Detect transformer temperature
125
oC
Operating temperature
(See Derating Table)
(115VAC)
-50 to +85
oC
(230VAC)
-55 to +85
oC
Cold Start-up Time
-55°C
30
Sec
Maximum case temperature
100
oC
Storage temperature
-55 to +95
oC
Temperature coefficient
±0.02
% / oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Aluminum
Potting
Epoxy (IP68 rated)
Wires
UL1015 18AWG Input & 14AWG Output *20CM
Weight
900
g
Dimensions (L X H X W)
7.13 x 2.32 x 1.85 inches
181.00 x 59.00 x 47.00 mm
MTBF
>400,000 hrs (MIL-HDBK-217F at +25°C)
Safety Specifications
Parameters
Agency approvals
CE
Standards
EN55022, class B, EN60529(IP68), EN61347-1, EN61347-2-13
NOTE : also designed to meet cULus, UL8750, UL60950-1


Podobny numer części - AMER120C-24500CAZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMER120C-24500AZ AIMTEC-AMER120C-24500AZ Datasheet
1Mb / 6P
   LED Driver / Converter
More results

Podobny opis - AMER120C-24500CAZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMEPR30C-5070AZ AIMTEC-AMEPR30C-5070AZ Datasheet
646Kb / 9P
   LED Driver / Converter
AMER90C-50180CAZ AIMTEC-AMER90C-50180CAZ Datasheet
967Kb / 6P
   LED Driver / Converter
AMER150C-50300CAZ AIMTEC-AMER150C-50300CAZ Datasheet
979Kb / 7P
   LED Driver / Converter
AMER120C-50250AZ AIMTEC-AMER120C-50250AZ Datasheet
1Mb / 6P
   LED Driver / Converter
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ Datasheet
592Kb / 7P
   LED Driver / Converter
AMER90C-50180AZ AIMTEC-AMER90C-50180AZ Datasheet
967Kb / 6P
   LED Driver / Converter
AMER150C-50300AZ AIMTEC-AMER150C-50300AZ Datasheet
1Mb / 7P
   LED Driver / Converter
logo
Zetex Semiconductors
ZXSC400 ZETEX-ZXSC400 Datasheet
195Kb / 16P
   LED DRIVER BOOST CONVERTER
logo
Diodes Incorporated
ZXSC400 DIODES-ZXSC400 Datasheet
203Kb / 16P
   LED DRIVER BOOST CONVERTER
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com