Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3103 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części LM3103
Szczegółowy opis  SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3103 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM3103_14 Datasheet HTML 5Page - Texas Instruments LM3103_14 Datasheet HTML 6Page - Texas Instruments LM3103_14 Datasheet HTML 7Page - Texas Instruments LM3103_14 Datasheet HTML 8Page - Texas Instruments LM3103_14 Datasheet HTML 9Page - Texas Instruments LM3103_14 Datasheet HTML 10Page - Texas Instruments LM3103_14 Datasheet HTML 11Page - Texas Instruments LM3103_14 Datasheet HTML 12Page - Texas Instruments LM3103_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
VIN
8.3 x 10
-11 x R
ON
tON =
VOUT
8.3 x 10
-11 x R
ON
fSW =
(VIN ± VOUT) x RON
2
VOUT (VIN - 1) x L x 1.18 x 10
20 x I
OUT
fSW =
LM3103
www.ti.com
SNVS523E – SEPTEMBER 2007 – REVISED NOVEMBER 2009
The regulator will operate in the discontinuous conduction mode (DCM) at a light load, and the continuous
conduction mode (CCM) with a heavy load. In the DCM, the current through the inductor starts at zero and
ramps up to a peak during the on-time, and then ramps back to zero before the end of the off-time. It remains
zero and the load current is supplied entirely by the output capacitor. The next on-time period starts when the
voltage at the FB pin falls below the internal reference. The operating frequency in the DCM is lower and varies
larger with the load current as compared with the CCM. Conversion efficiency is maintained since conduction
loss and switching loss are reduced with the reduction in the load and the switching frequency respectively. The
operating frequency in the DCM can be calculated approximately as follows:
(1)
In the continuous conduction mode (CCM), the current flows through the inductor in the entire switching cycle,
and never reaches zero during the off-time. The operating frequency remains relatively constant with load and
line variations. The CCM operating frequency can be calculated approximately as follows:
(2)
The output voltage is set by two external resistors RFB1 and RFB2. The regulated output voltage is
VOUT = 0.6V x (RFB1 + RFB2)/RFB2
(3)
Startup Regulator (VCC)
A startup regulator is integrated within the LM3103. The input pin VIN can be connected directly to a line voltage
up to 42V. The VCC output regulates at 6V, and is current limited to 30 mA. Upon power up, the regulator sources
current into an external capacitor CVCC, which is connected to the VCC pin. For stability, CVCC must be at least 1
µF. When the voltage on the VCC pin is higher than the under-voltage lock-out (UVLO) threshold of 3.7V, the
main MOSFET is enabled and the SS pin is released to allow the soft-start capacitor CSS to charge.
The minimum input voltage is determined by the dropout voltage of the regulator and the VCC UVLO falling
threshold (
≊3.4V). If VIN is less than ≊4.0V, the regulator shuts off and VCC goes to zero.
Regulation Comparator
The feedback voltage at the FB pin is compared to a 0.6V internal reference. In normal operation (the output
voltage is regulated), an on-time period is initiated when the voltage at the FB pin falls below 0.6V. The main
MOSFET stays on for the programmed on-time, causing the output voltage to rise and consequently the voltage
of the FB pin to rise above 0.6V. After the on-time period, the main MOSFET stays off until the voltage of the FB
pin falls below 0.6V again. Bias current at the FB pin is nominally 1 nA.
Zero Coil Current Detect
The current of the synchronous MOSFET is monitored by a zero coil current detection circuit which inhibits the
synchronous MOSFET when its current reaches zero until the next on-time. This circuit enables the DCM
operation, which improves the efficiency at a light load.
Over-Voltage Comparator
The voltage at the FB pin is compared to a 0.68V internal reference. If it rises above 0.68V, the on-time is
immediately terminated. This condition is known as over-voltage protection (OVP). It can occur if the input
voltage or the output load changes suddenly. Once the OVP is activated, the main MOSFET remains off until the
voltage at the FB pin falls below 0.6V. The synchronous MOSFET will stay on to discharge the inductor until the
inductor current reduces to zero and then switch off.
ON-Time Timer, Shutdown
The on-time of the LM3103 main MOSFET is determined by the resistor RON and the input voltage VIN. It is
calculated as follows:
(4)
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3103


Podobny numer części - LM3103_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3103MH NSC-LM3103MH Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103MH/NOPB TI1-LM3103MH/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3103MHX NSC-LM3103MHX Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103MHX/NOPB TI1-LM3103MHX/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
More results

Podobny opis - LM3103_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com