Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3152 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części LM3152
Szczegółowy opis  SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3152 Arkusz danych(HTML) 5 Page - Texas Instruments

  LM3152 Datasheet HTML 1Page - Texas Instruments LM3152 Datasheet HTML 2Page - Texas Instruments LM3152 Datasheet HTML 3Page - Texas Instruments LM3152 Datasheet HTML 4Page - Texas Instruments LM3152 Datasheet HTML 5Page - Texas Instruments LM3152 Datasheet HTML 6Page - Texas Instruments LM3152 Datasheet HTML 7Page - Texas Instruments LM3152 Datasheet HTML 8Page - Texas Instruments LM3152 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LM3151, LM3152, LM3153
www.ti.com
SNVS562G – SEPTEMBER 2008 – REVISED MARCH 2011
ELECTRICAL CHARACTERISTICS (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the
following conditions apply: VIN = 18V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Soft-Start
ISS
SS Pin Source Current
VSS = 0V
5.9
7.7
9.5
mA
ISS-DIS
SS Pin Discharge Current
200
µA
Current Limit
VCL
Current Limit Voltage Threshold
175
200
225
mV
ON/OFF Timer
tON-MIN
ON Timer Minimum Pulse Width
200
ns
tOFF
OFF Timer Minimum Pulse Width
370
525
ns
Enable Input
VEN
EN Pin Input Threshold Trip Point
VEN Rising
1.14
1.20
1.26
V
VEN-HYS
EN Pin threshold Hysteresis
VEN Falling
120
mV
Boost Diode
IBST = 2 mA
0.7
V
Vf
Forward Voltage
IBST = 30 mA
1
V
Thermal Characteristics
Thermal Shutdown
Rising
165
°C
TSD
Thermal Shutdown Hysteresis
Falling
15
°C
4 Layer JEDEC Printed Circuit
40
Board, 9 Vias, No Air Flow
θJA
Junction to Ambient
°C/W
2 Layer JEDEC Printed Circuit
140
Board. No Air Flow
θJC
Junction to Case
No Air Flow
4
°C/W
ELECTRICAL CHARACTERISTICS 3.3V OUTPUT OPTION
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT
Output Voltage
3.234
3.3
3.366
V
VOUT-OV
Output Voltage Over-Voltage Threshold
3.83
4.00
4.17
V
LM3151-3.3
42
VIN-MAX
Maximum Input Voltage (1)
LM3152-3.3
33
V
LM3153-3.3
18
LM3151-3.3
6
VIN-MIN
Minimum Input Voltage (1)
LM3152-3.3
6
V
LM3153-3.3
8
LM3151-3.3, RON = 115 kΩ
250
fS
Switching Frequency
LM3152-3.3, RON = 51 kΩ
500
kHz
LM3153-3.3, RON = 32 kΩ
750
LM3151-3.3, RON = 115 kΩ
730
tON
On-Time
LM3152-3.3, RON = 51 kΩ
400
ns
LM3153-3.3, RON = 32 kΩ
330
RFB
FB Resistance to Ground
566
k
(1)
The input voltage range is dependent on minimum on-time, off-time, and therefore frequency, and is also affected by optimized
MOSFET selection.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3151 LM3152 LM3153


Podobny numer części - LM3152

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3152 NSC-LM3152 Datasheet
492Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
Texas Instruments
LM3152 TI-LM3152 Datasheet
1,022Kb / 26P
[Old version datasheet]   LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
National Semiconductor ...
LM3152MH-3.3 NSC-LM3152MH-3.3 Datasheet
492Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
Texas Instruments
LM3152MH-3.3/NOPB TI1-LM3152MH-3.3/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
National Semiconductor ...
LM3152MHE-3.3 NSC-LM3152MHE-3.3 Datasheet
492Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
More results

Podobny opis - LM3152

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3151 NSC-LM3151 Datasheet
492Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
Texas Instruments
LM3151 TI-LM3151_15 Datasheet
1,022Kb / 26P
[Old version datasheet]   LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
LM3151 TI1-LM3151 Datasheet
1Mb / 26P
[Old version datasheet]   LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
National Semiconductor ...
LM3150 NSC-LM3150 Datasheet
482Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com