Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3477 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części LM3477
Szczegółowy opis  High Efficiency High-Side N-Channel Controller for Switching Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3477 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM3477 Datasheet HTML 7Page - Texas Instruments LM3477 Datasheet HTML 8Page - Texas Instruments LM3477 Datasheet HTML 9Page - Texas Instruments LM3477 Datasheet HTML 10Page - Texas Instruments LM3477 Datasheet HTML 11Page - Texas Instruments LM3477 Datasheet HTML 12Page - Texas Instruments LM3477 Datasheet HTML 13Page - Texas Instruments LM3477 Datasheet HTML 14Page - Texas Instruments LM3477 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
VIN (V)
VFB (V)
7.2V
OVP
(1.315V)
1.265V
t
t
xxxxx
LM3477
www.ti.com
SNVS141J – MAY 2004 – REVISED JULY 2004
If the load current becomes too low, the LM3477/A will increase the duty cycle, causing the voltage to rise and
trigger the OVP. The reasons for this involve the way the LM3477/A regulates the output voltage, using a control
waveform at the pulse width modulator. This control waveform has upper and lower bounds.
Another way OVP can be tripped is if the input voltage rises higher than the LM3477/A is able to regulate in
pulse width modulation (PWM) mode. The output voltage is related to the input voltage by the duty cycle as:
VOUT = VIN*D. The LM3477/A has a minimum duty cycle of 16.5% (typical), due to the blank-out timing, TMIN. If
the input voltage increases such that the duty cycle wants to be less than DMIN, the duty cycle will hold at DMIN
and the output voltage will increase with the input voltage until it trips OVP.
It is useful to plot the operational boundaries in order to illustrate the point at which the device switches into
hysteretic mode. In Figure 3, the limits shown are with respect to the peak voltage across the sense resistor RSN,
(VSNpk); they can be referred to the peak inductor current by dividing through by RSN. VSNpk is bound to the
shaded regions. In normal circumstances VSNpk is required to be in the shaded region, and the LM3477/A will
operate in the PWM mode. If operating conditions are chosen such that VSNpk would not normally fall in the
shaded regions, then the mode of operation is changed so that VSNpk will be in the shaded region, and the part
will operate in the hysteretic mode. What actually happens is that the LM3477/A will not allow VSNpk to be outside
of the shaded regions, so the duty cycle is adjusted.
The output voltage transient response overshoot can also trigger OVP. As discussed in the OUTPUT
CAPACITOR section, if the capacitance is too low or ESR too high, the output voltage overshoot will rise high
enough to trigger OVP. However, as long as there is room for the duty cycle to adjust (the converter is not near
DMIN or DMAX), the LM3477/A will return to PWM mode after a few cycles of hysteretic mode operation.
There is one last way that OVP can be triggered. If the unregulated input voltage crosses 7.2V, the output
voltage will react as shown in Figure 5. The internal bias of the LM3477/A switches supplies at 7.2V. When this
happens, a sudden small change in bias voltage is seen by all the internal blocks of the LM3477/A. The control
voltage, VC, shifts because of the bias change, the PWM comparator tries to keep regulation. To the PWM
comparator, the scenario is identical to step change in the load current, so the response at the output voltage is
the same as would be observed in a step load change. Hence, the output voltage overshoot here can also trigger
OVP. The LM3477/A will regulate in hysteretic mode for several cycles, or may not recover and simply stay in
hysteretic mode until the load current drops. Note that the output voltage is still regulated in hysteric mode.
Predicting whether or not the LM3477/A will come out of hysteretic mode in this scenario is a difficult task,
however it is largely a function of the output current and the output capacitance. Triggering hysteretic mode in
this way is only possible at higher load currents. The method to avoid this is to increase the output capacitance.
Figure 5. The Feedback Voltage Experiences an Oscillation if the Input Voltage Crosses the 7.2V Internal
Bias Threshold
DEFAULT/ADJUSTABLE SLOPE COMPENSATION
The LM3477/A uses a current mode control scheme. There are many advantages in a current mode architecture
including inherent cycle-by-cycle current limiting and simple compensation of the control loop. However, there are
consequences to using current mode control that one must be aware of while selecting circuit components. One
of these consequences is the inherent possibility of subharmonic oscillations in the inductor current. This is a
form of instability and should be avoided.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3477


Podobny numer części - LM3477

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3477 NSC-LM3477 Datasheet
815Kb / 23P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3477 TI-LM3477 Datasheet
1Mb / 35P
[Old version datasheet]   LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3477A NSC-LM3477A Datasheet
815Kb / 23P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477AMM NSC-LM3477AMM Datasheet
815Kb / 23P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3477AMM/NOPB TI-LM3477AMM/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
More results

Podobny opis - LM3477

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3487 NSC-LM3487 Datasheet
2Mb / 22P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477 NSC-LM3477 Datasheet
815Kb / 23P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3477 TI-LM3477_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MA TI-LM3478MA_15 Datasheet
670Kb / 26P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3478 NSC-LM3478_09 Datasheet
507Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI-LM3478_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM3478x/-Q1 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MMX TI-LM3488MMX Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com