Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3495 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części LM3495
Szczegółowy opis  Emulated Peak Current Mode Buck Controller for Low Output Voltage
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3495 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM3495 Datasheet HTML 7Page - Texas Instruments LM3495 Datasheet HTML 8Page - Texas Instruments LM3495 Datasheet HTML 9Page - Texas Instruments LM3495 Datasheet HTML 10Page - Texas Instruments LM3495 Datasheet HTML 11Page - Texas Instruments LM3495 Datasheet HTML 12Page - Texas Instruments LM3495 Datasheet HTML 13Page - Texas Instruments LM3495 Datasheet HTML 14Page - Texas Instruments LM3495 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
VLIN5
VIN
TRACK
FB
COMP
/SD
CSL
LG
ILIM
SW/
CSH
HG
BOOST
INTERNAL
SOFT-
START
HICCUP
+
-
PWM
COMP
+
-
20 PA
PWM LOGIC CONTROL
AND
DRIVER CONTROL
2V
RAMP
GENERATOR
AND SLOPE
COMPENSATION
INTERNAL
4.7V
REGULATOR
VLIN5
SHOOT-
THROUGH
PROTECT
ADAPTIVE DUTY CYCLE
AND SKIP MODE CONTROL
OSCILLATOR
AND
SYNCHRONIZATION
CONTROL
IRAMP
IFREQ
IFREQ
CLAMPED:
LO 0.9V
HI 2.0V
IRAMP
PGND
SGND
FPWM
SNS
FREQ/
SYNC
5 PA
FROM
LG
TO SHOOT-
THROUGH
PROTECT
SHUTDOWN
VREF
= 0.6V
2 PA
LM3495
www.ti.com
SNVS410E – FEBRUARY 2006 – REVISED NOVEMBER 2007
Block Diagram
Applications Information
THEORY OF OPERATION
The LM3495 is an advanced, current mode PWM synchronous controller. Unlike traditional peak current mode
controllers which sense the current while the high-side FET is on, the LM3495 senses current while the low-side
FET is on. The LM3495 then emulates the peak current waveform and uses that information to regulate the
output voltage. High-side ON pulses as low as 50 ns are possible to achieve low duty cycle operation. The
LM3495 therefore enjoys both excellent line transient response and the ability to regulate low output voltages
from high input voltages.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3495


Podobny numer części - LM3495

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3495 NSC-LM3495 Datasheet
1Mb / 26P
   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
Texas Instruments
LM3495 TI-LM3495 Datasheet
1Mb / 36P
[Old version datasheet]   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
National Semiconductor ...
LM3495MTC NSC-LM3495MTC Datasheet
1Mb / 26P
   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
Texas Instruments
LM3495MTC/NOPB TI-LM3495MTC/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
National Semiconductor ...
LM3495MTCX NSC-LM3495MTCX Datasheet
1Mb / 26P
   Emulated Peak Current Mode Buck Controller for Low Output Voltage
More results

Podobny opis - LM3495

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3495 NSC-LM3495 Datasheet
1Mb / 26P
   Emulated Peak Current Mode Buck Controller for Low Output Voltage
logo
Texas Instruments
LM3495 TI-LM3495_15 Datasheet
1Mb / 36P
[Old version datasheet]   Emulated Peak Current Mode Buck Controller for Low Output Voltage
LM3000 TI1-LM3000 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Synchronous Emulated Current-Mode Controller
logo
National Semiconductor ...
LM3000 NSC-LM3000 Datasheet
815Kb / 26P
   Dual Synchronous Emulated Current-Mode Controller
logo
Texas Instruments
LM3000 TI1-LM3000_14 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Synchronous Emulated Current-Mode Controller
logo
Renesas Technology Corp
R2J20701NP RENESAS-R2J20701NP Datasheet
223Kb / 28P
   Peak Current Mode Synchronous Buck Controller with Power MOSFETs
logo
Texas Instruments
LM5116 TI-LM5116 Datasheet
1Mb / 37P
[Old version datasheet]   Emulated Peak Current Mode, Wide Operating Range Up to 100V
logo
Renesas Technology Corp
R2J20702NP RENESAS-R2J20702NP Datasheet
190Kb / 28P
   Peak Current Mode Synchronous Buck Controller with Power MOS FETs
R2J20701NP RENESAS-R2J20701NP_08 Datasheet
226Kb / 28P
   Peak Current Mode Synchronous Buck Controller with Power MOS FETs
R2J20751NP RENESAS-R2J20751NP Datasheet
197Kb / 26P
   Peak Current Mode Synchronous Buck Controller with Power MOS FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com