Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK2941 Arkusz danych(PDF) 3 Page - NEC

Numer części 2SK2941
Szczegółowy opis  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

2SK2941 Arkusz danych(HTML) 3 Page - NEC

  2SK2941 Datasheet HTML 1Page - NEC 2SK2941 Datasheet HTML 2Page - NEC 2SK2941 Datasheet HTML 3Page - NEC 2SK2941 Datasheet HTML 4Page - NEC 2SK2941 Datasheet HTML 5Page - NEC 2SK2941 Datasheet HTML 6Page - NEC 2SK2941 Datasheet HTML 7Page - NEC 2SK2941 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK2941
3
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
100
80
60
40
20
0
20
40
60
80
100
120
TC - Case Temperature - °C
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
DRAIN CURRENT vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
100
80
60
40
20
0
20
40
60
80
100
120
TC - Case Temperature - °C
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
140 160
140 160
FORWARD BIAS SAFE OPERATING AREA
10
1
0.1
1
10
VDS - Drain to Source Voltage - V
100
100
1000
ID(Pulse)
ID(DC)
PW
=
1ms
10
ms
100
ms
DC
200
ms
Tc = 25 °C
Single Pulse
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
1 000
0.1
1
10
100
100m
1
10
100
1 000
10 000
1m
10m
200
160
120
80
40
0
0.5
1.0
1.5
VGS = 10 V
VGS = 4 V
Pulsed
Rth(ch-a) = 83.3 (°C/W)
Rth(ch-c) = 2.08 (°C/W)
Single Pulse
Tc = 25 °C


Podobny numer części - 2SK2941

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2SK2941 ISC-2SK2941 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2941 RENESAS-2SK2941 Datasheet
218Kb / 10P
   MOS FIELD EFFECT TRANSISTORS
1997
More results

Podobny opis - 2SK2941

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com