Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25069 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części LM25069
Szczegółowy opis  Positive Low Voltage Power Limiting Hot Swap Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM25069 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM25069_14 Datasheet HTML 1Page - Texas Instruments LM25069_14 Datasheet HTML 2Page - Texas Instruments LM25069_14 Datasheet HTML 3Page - Texas Instruments LM25069_14 Datasheet HTML 4Page - Texas Instruments LM25069_14 Datasheet HTML 5Page - Texas Instruments LM25069_14 Datasheet HTML 6Page - Texas Instruments LM25069_14 Datasheet HTML 7Page - Texas Instruments LM25069_14 Datasheet HTML 8Page - Texas Instruments LM25069_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LM25069
www.ti.com
SNVS607D – FEBRUARY 2009 – REVISED DECEMBER 2010
Absolute Maximum Ratings
(1)
VIN to GND (2)
-0.3V to 20V
SENSE, OUT, PGD to GND
-0.3V to 20V
UVLO to GND
-0.3V to 20V
OVLO to GND
-0.3V to 20V
VIN to SENSE
-0.3V to +0.3V
ESD Rating (3)
2kV
Human Body Model
Storage Temperature
-65°C to +150°C
Junction Temperature
+150°C
Lead Temperature (soldering 4 sec)
+260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and
conditions see the Electrical Characteristics.
(2)
Current out of a pin is indicated as a negative number.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
VIN Supply Voltage
+2.9V to 17V
PGD Off Voltage
0V to 17V
Junction Temp. Range
−40°C to +85°C
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM25069


Podobny numer części - LM25069_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM25069PMM-1 NSC-LM25069PMM-1 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25069PMM-1/NOPB TI1-LM25069PMM-1/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069PMM-2 NSC-LM25069PMM-2 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25069PMM-2/NOPB TI1-LM25069PMM-2/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
logo
National Semiconductor ...
LM25069PMME-1 NSC-LM25069PMME-1 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
More results

Podobny opis - LM25069_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
   Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
   Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
LM25069 TI1-LM25069 Datasheet
1Mb / 29P
[Old version datasheet]   Positive Low Voltage Power Limiting Hot Swap Controller
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5069 TI-LM5069 Datasheet
1Mb / 28P
[Old version datasheet]   LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Linear Technology
LT1641 LINER-LT1641 Datasheet
187Kb / 12P
   Positive High Voltage Hot Swap Controller
LT1641 LINER-LT1641_15 Datasheet
198Kb / 12P
   Positive High Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com