Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD18537NQ5A Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części CSD18537NQ5A
Szczegółowy opis  60 V N-Channel NexFET??Power MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18537NQ5A Arkusz danych(HTML) 1 Page - Texas Instruments

  CSD18537NQ5A_14 Datasheet HTML 1Page - Texas Instruments CSD18537NQ5A_14 Datasheet HTML 2Page - Texas Instruments CSD18537NQ5A_14 Datasheet HTML 3Page - Texas Instruments CSD18537NQ5A_14 Datasheet HTML 4Page - Texas Instruments CSD18537NQ5A_14 Datasheet HTML 5Page - Texas Instruments CSD18537NQ5A_14 Datasheet HTML 6Page - Texas Instruments CSD18537NQ5A_14 Datasheet HTML 7Page - Texas Instruments CSD18537NQ5A_14 Datasheet HTML 8Page - Texas Instruments CSD18537NQ5A_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
0
4
8
12
16
20
24
28
32
36
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C Id = 12A
TC = 125ºC Id = 12A
G001
0
1
2
3
4
5
6
7
8
9
10
0
3
6
9
12
15
Qg - Gate Charge (nC)
ID = 12A
VDS = 30V
G001
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0093-01
CSD18537NQ5A
SLPS391A – JUNE 2013 – REVISED FEBRUARY 2014
CSD18537NQ5A, 60 V N-Channel NexFET™ Power MOSFETs
1 Features
Product Summary
1
Ultra-Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Low Thermal Resistance
VDS
Drain-to-Source Voltage
60
V
Avalanche Rated
Qg
Gate Charge Total (10 V)
14
nC
Qgd
Gate Charge Gate to Drain
2.3
nC
Pb-Free Terminal Plating
VGS = 6 V
13
m
RoHS Compliant
RDS(on)
Drain-to-Source On Resistance
VGS = 10 V
10
m
Halogen Free
VGS(th)
Threshold Voltage
3.0
V
SON 5 mm × 6 mm Plastic Package
Ordering Information
2 Applications
Device
Qty
Media
Package
Ship
High Side Synchronous Buck Converter
CSD18537NQ5A
2500
13-Inch Reel
SON 5 x 6 mm
Tape and
Plastic Package
Reel
Motor Control
CSD18537NQ5AT
250
7-Inch Reel
3 Description
Absolute Maximum Ratings
This 10 m
Ω, 60 V, SON 5 mm x 6mm NexFET™
TA = 25°C
VALUE
UNIT
power MOSFET is designed to minimize losses in
VDS
Drain-to-Source Voltage
60
V
power conversion applications.
VGS
Gate-to-Source Voltage
±20
V
Continuous Drain Current (Package limited)
50
Top View
Continuous Drain Current (Silicon limited),
ID
62
A
TC = 25°C
Continuous Drain Current, TA = 25°C
(1)
11
IDM
Pulsed Drain Current, TA = 25°C
(2)
72
A
PD
Power Dissipation(1)
3.2
W
TJ,
Operating Junction and
–55 to 150
°C
TSTG
Storage Temperature Range
Avalanche Energy, single pulse
EAS
55
mJ
ID = 33 A, L = 0.1 mH, RG = 25 Ω
(1) Typical RθJA = 40°C/W on a 1-inch
2, 2-oz. Cu pad on a 0.06-
inch thick FR4 PCB.
(2) Pulse duration
≤ 300 μs, duty cycle ≤ 2%
RDS(on) vs VGS
GATE CHARGE
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - CSD18537NQ5A_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
More results

Podobny opis - CSD18537NQ5A_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18533KCS TI-CSD18533KCS Datasheet
699Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI-CSD18537NQ5A Datasheet
1Mb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NKCS TI-CSD18537NKCS Datasheet
483Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532KCS TI-CSD18532KCS Datasheet
928Kb / 10P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532Q5B TI-CSD18532Q5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com