Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2831 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2831
Szczegółowy opis  High Frequency 1.5A Load - Step-Down DC-DC Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2831 Arkusz danych(HTML) 4 Page - Texas Instruments

  LM2831 Datasheet HTML 1Page - Texas Instruments LM2831 Datasheet HTML 2Page - Texas Instruments LM2831 Datasheet HTML 3Page - Texas Instruments LM2831 Datasheet HTML 4Page - Texas Instruments LM2831 Datasheet HTML 5Page - Texas Instruments LM2831 Datasheet HTML 6Page - Texas Instruments LM2831 Datasheet HTML 7Page - Texas Instruments LM2831 Datasheet HTML 8Page - Texas Instruments LM2831 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
1.796
1.797
1.798
1.799
1.800
1.801
1.802
1.803
1.804
0
0.25
0.5
0.75
1
1.25
1.5
LOAD (A)
1.794
1.796
1.798
1.800
1.802
1.804
1.806
0.25
0.5
0.75
1
1.25
1.5
LOAD (A)
0
LM2831
SNVS422B – AUGUST 2006 – REVISED JANUARY 2012
www.ti.com
Typical Performance Characteristics
All curves taken at VIN = 5.0V with configuration in typical application circuit shown in Applications Information section of this
datasheet. TJ = 25°C, unless otherwise specified.
η vs Load "X" Vin = 5V, Vo = 1.8V & 3.3V
η vs Load - "Y" Vin = 5V, Vo = 3.3V & 1.8V
Figure 3.
Figure 4.
η vs Load "Z" Vin = 5V, Vo = 3.3V & 1.8V
η vs Load "X, Y and Z" Vin = 3.3V, Vo = 1.8V
Figure 5.
Figure 6.
Load Regulation Vin = 3.3V, Vo = 1.8V (All Options)
Load Regulation Vin = 5V, Vo = 1.8V (All Options)
Figure 7.
Figure 8.
4
Submit Documentation Feedback
Copyright © 2006–2012, Texas Instruments Incorporated
Product Folder Links: LM2831


Podobny numer części - LM2831

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI-LM2831 Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2831XMF NSC-LM2831XMF Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831XMF/NOPB TI-LM2831XMF/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2831XMFX NSC-LM2831XMFX Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
More results

Podobny opis - LM2831

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
   1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
National Semiconductor ...
LM2738 NSC-LM2738 Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com