Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2854 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części LM2854
Szczegółowy opis  4A 500 kHz / 1 MHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2854 Arkusz danych(HTML) 2 Page - Texas Instruments

  LM2854_14 Datasheet HTML 1Page - Texas Instruments LM2854_14 Datasheet HTML 2Page - Texas Instruments LM2854_14 Datasheet HTML 3Page - Texas Instruments LM2854_14 Datasheet HTML 4Page - Texas Instruments LM2854_14 Datasheet HTML 5Page - Texas Instruments LM2854_14 Datasheet HTML 6Page - Texas Instruments LM2854_14 Datasheet HTML 7Page - Texas Instruments LM2854_14 Datasheet HTML 8Page - Texas Instruments LM2854_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
PGND
PGND
PGND
PVIN
PVIN
PVIN
NC
NC
AVIN
EN
SW
SW
SS
AGND
FB
EXP
LM2854
SNVS560B – MARCH 2008 – REVISED NOVEMBER 2008
www.ti.com
Connection Diagram
Figure 1. 16-Lead HTSSOP – Top View
See Package Number PWP
PIN DESCRIPTIONS
Pin Number
Name
Description
1
NC
Reserved for factory use, this pin should be connected to GND to ensure proper operation.
2,3,4
PGND
Power ground pins for the internal power switches. These pins should be connected together locally at the
device and tied to the PC board ground plane.
5,6,7
PVIN
Input voltage to the power switches inside the device. These pins should be connected together at the device.
A low ESR input capacitance should be located as close as possible to these pins.
8,9
NC
Reserved for factory use, these pins should be connected to GND to ensure proper operation.
10
AVIN
Analog input voltage supply that generates the internal bias. The UVLO circuit derives its input from this pin
also. Thus, if the voltage on AVIN falls below the UVLO threshold, both internal FETs are turned off. It is
recommended to connect PVIN to AVIN through a low pass RC filter to minimize the influence of input rail
ripple and noise on the analog control circuitry. The series resistor should be 1
Ω and the bypass capacitor
should be a X7R ceramic type 0.1 µF to 1.0 µF.
11
EN
Active high enable input for the device. Typically, turn-on threshold is 1.23V with 0.15V hysteresis. An
external resistor divider from PVIN can be used to effectively increase the UVLO turn-on threshold. If not
used, the EN pin should be connected to PVIN.
12,13
SW
Switch node pins. This is the PWM output of the internal MOSFET power switches. These pins should be tied
together locally and connected to the filter inductor.
14
SS
Soft-start control pin. An internal 2 µA current source charges an external capacitor connected between this
pin and AGND to set the output voltage ramp rate during startup. This pin can also be used to configure the
tracking feature.
15
AGND
Quiet analog ground for the internal bias circuitry.
16
FB
Feedback pin is connected to the inverting input of the voltage loop error amplifier. A 0.8V bandgap reference
is connected to the non-inverting input of the error amplifier.
EXP
Exposed
Exposed metal pad on the underside of the package with a weak electrical connection to PGND. It is
Pad
recommended to connect this pad to the PC board ground plane in order to improve thermal dissipation.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Links: LM2854


Podobny numer części - LM2854_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
More results

Podobny opis - LM2854_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2854 NSC-LM2854 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852YMXA-33 TI-LM2852YMXA-33 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
logo
Texas Instruments
LM20323 TI1-LM20323_14 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 3A 500 kHz Synchronous Buck Regulator
logo
National Semiconductor ...
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com