Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM20143 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części LM20143
Szczegółowy opis  3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM20143 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM20143 Datasheet HTML 1Page - Texas Instruments LM20143 Datasheet HTML 2Page - Texas Instruments LM20143 Datasheet HTML 3Page - Texas Instruments LM20143 Datasheet HTML 4Page - Texas Instruments LM20143 Datasheet HTML 5Page - Texas Instruments LM20143 Datasheet HTML 6Page - Texas Instruments LM20143 Datasheet HTML 7Page - Texas Instruments LM20143 Datasheet HTML 8Page - Texas Instruments LM20143 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PVIN
SW
AGND
FB
PGOOD
EN
SS/TRK
AVIN
COMP
LM20143
L
RF
VCC
PGND
CIN
RC1
CC1
VIN
CSS
CVCC
COUT
VOUT
RFB2
RFB1
CF
RT
RT
(optional)
LM20143
www.ti.com
SNVS528F – OCTOBER 2007 – REVISED NOVEMBER 2011
LM20143/LM20143Q 3A, PowerWise® Adjustable Frequency Synchronous Buck Regulator
Check for Samples: LM20143
1
FEATURES
DESCRIPTION
2
Available in AEC-Q100 Temperature Grade 1
The LM20143 is a full featured adjustable frequency
Input voltage range: 2.95V to 5.50V
synchronous buck regulator capable of delivering up
Accurate current limit minimizes inductor size
to 3A of continuous output current. The current mode
control loop can be compensated to be stable with
97% peak efficiency
virtually any type of output capacitor. For most cases,
Adjustable output voltage down to 0.80V
compensating the device only requires two external
Adjustable switching frequency (500 kHz to 1.5
components, providing maximum flexibility and ease
MHz)
of use. The device is optimized to work over the input
voltage range of 2.95V to 5.5V making it suited for a
32 m
Ω integrated FET switches
wide variety of low voltage systems.
Starts into prebiased loads
The device features internal over voltage protection
Output voltage tracking
(OVP) and over current protection (OCP) circuits for
Peak current mode control
increased system reliability. A precision enable pin
Adjustable Soft-Start with external capacitor
and integrated UVLO allows the turn-on of the device
to be tightly controlled and sequenced. Start-up
Precision enable pin with hysteresis
inrush currents are limited by both an internally fixed
Integrated OVP, UVLO, power good and
and externally adjustable Soft-Start circuit. Fault
thermal shutdown
detection and supply sequencing is possible with the
TSSOP 16-pin exposed pad package
integrated power good circuit.
The frequency of this device can be adjusted from
APPLICATIONS
500 kHz to 1.5 MHz by connecting an external
Simple to design, high efficiency point of load
resistor from the RT pin to ground.
regulation from a 5V or 3.3V bus
The LM20143 is designed to work well in multi-rail
High Performance DSPs, FPGAs, ASICs and
power supply architectures. The output voltage of the
microprocessors
device can be configured to track a higher voltage rail
using the SS/TRK pin. If the output of the LM20143 is
Broadband, Networking and Optical
pre-biased at startup it will not sink current to pull the
Communications Infrastructure
output low until the internal soft-start ramp exceeds
the voltage at the feedback pin.
The LM20143 is offered in a 16-pin TSSOP package
with an exposed pad that can be soldered to the
PCB, eliminating the need for bulky heatsinks.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM20143

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20143 TI1-LM20143 Datasheet
1Mb / 36P
[Old version datasheet]   3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20143-Q1 TI1-LM20143-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20143MH NSC-LM20143MH Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20143MH TI1-LM20143MH Datasheet
1Mb / 36P
[Old version datasheet]   3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
More results

Podobny opis - LM20143

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144_08 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
   5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20144 NSC-LM20144 Datasheet
835Kb / 20P
   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20144 TI1-LM20144_14 Datasheet
1Mb / 29P
[Old version datasheet]   4A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20242 TI1-LM20242_14 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20242 NSC-LM20242_08 Datasheet
466Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20123 NSC-LM20123_08 Datasheet
581Kb / 20P
   3A, 1.5MHz PowerWise짰 Synchronous Buck Regulator
LM20242 NSC-LM20242 Datasheet
465Kb / 20P
   36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com