Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25010 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części LM25010
Szczegółowy opis  42V, 1.0A Step-Down Switching Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM25010 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM25010 Datasheet HTML 5Page - Texas Instruments LM25010 Datasheet HTML 6Page - Texas Instruments LM25010 Datasheet HTML 7Page - Texas Instruments LM25010 Datasheet HTML 8Page - Texas Instruments LM25010 Datasheet HTML 9Page - Texas Instruments LM25010 Datasheet HTML 10Page - Texas Instruments LM25010 Datasheet HTML 11Page - Texas Instruments LM25010 Datasheet HTML 12Page - Texas Instruments LM25010 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
RON =
(tON - 67 ns) x (VIN - 1.4V)
1.18 x 10
-10
- 1.4 k:
tON =
1.18 x 10
-10
x (RON + 1.4k)
(VIN - 1.4V)
+ 67 ns
FB
SW
L1
C2
R1
R2
R3
BST
VCC
D2
C3
C4
D1
LM25010
VOUT
SGND
ISEN
LM25010
www.ti.com
SNVS419C – DECEMBER 2005 – REVISED DECEMBER 2008
When VIN exceeds the bypass threshold, the time required for Q2 to shut off is approximately 2 - 3 µs. The
capacitor at VCC (C3) must be a minimum of 0.47 µF to prevent the voltage at VCC from rising above its
absolute maximum rating in response to a step input applied at VIN. C3 must be located as close as possible to
the LM25010 pins.
In applications with a relatively high input voltage, power dissipation in the bias regulator is a concern. An
auxiliary voltage of between 7.5V and 14V can be diode connected to the VCC pin (D2 in Figure 2) to shut off the
VCC regulator, reducing internal power dissipation. The current required into the VCC pin is shown in the Typical
Performance Characteristics. Internally a diode connects VCC to VIN requiring that the auxiliary voltage be less
than VIN.
The turn-on sequence is shown in Figure 1. When VCC exceeds the under-voltage lock-out threshold (UVLO) of
5.25V (t1 in Figure 1), the buck switch is enabled, and the SS pin is released to allow the soft-start capacitor (C6)
to charge up. The output voltage VOUT is regulated at a reduced level which increases to the desired value as the
soft-start voltage increases (t2 in Figure 1).
Figure 2. Self Biased Configuration
Regulation Comparator
The feedback voltage at the FB pin is compared to the voltage at the SS pin (2.5V, ±2%). In normal operation an
on-time period is initiated when the voltage at FB falls below 2.5V. The buck switch conducts for the on-time
programmed by RON, causing the FB voltage to rise above 2.5V. After the on-time period the buck switch
remains off until the FB voltage falls below 2.5V. Input bias current at the FB pin is less than 5 nA over
temperature.
Over-Voltage Comparator
The feedback voltage at FB is compared to an internal 2.9V reference. If the voltage at FB rises above 2.9V the
on-time is immediately terminated. This condition can occur if the input voltage, or the output load, changes
suddenly. The buck switch remains off until the voltage at FB falls below 2.5V.
ON-Time Control
The on-time of the internal buck switch is determined by the RON resistor and the input voltage (VIN), and is
calculated as follows:
(5)
The RON resistor can be determined from the desired on-time by re-arranging Equation 5 to the following:
(6)
To set a specific continuous conduction mode switching frequency (Fs), the RON resistor is determined from the
following:
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM25010


Podobny numer części - LM25010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25010 NSC-LM25010 Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010-Q1 TI1-LM25010-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25010MH NSC-LM25010MH Datasheet
772Kb / 17P
   42V, 1.0A Step-Down Switching Regulator
More results

Podobny opis - LM25010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM25010 NSC-LM25010_08 Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010 TI-LM25010_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM25010/LM25010Q 42V, 1.0A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
   42V, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
TelCom Semiconductor, I...
TC2575 TELCOM-TC2575 Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
   42V, 2.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com