Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25088Q Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części LM25088Q
Szczegółowy opis  Wide Input Range Non-Synchronous Buck Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM25088Q Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM25088Q Datasheet HTML 5Page - Texas Instruments LM25088Q Datasheet HTML 6Page - Texas Instruments LM25088Q Datasheet HTML 7Page - Texas Instruments LM25088Q Datasheet HTML 8Page - Texas Instruments LM25088Q Datasheet HTML 9Page - Texas Instruments LM25088Q Datasheet HTML 10Page - Texas Instruments LM25088Q Datasheet HTML 11Page - Texas Instruments LM25088Q Datasheet HTML 12Page - Texas Instruments LM25088Q Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
1.2V
STANDBY
0.4V
SHUTDOWN
VIN
5.0V
EN
RUV1
5 PA
LM25088
RUV2
1 k:
8V
RRT =
152 pF
1
fSW
- 280 ns
LM25088
www.ti.com
SNVS609G – DECEMBER 2008 – REVISED MARCH 2011
An auxiliary supply voltage can be applied to the VCC pin to reduce the IC power dissipation. If the auxiliary
voltage is greater than 8.2V, the internal regulator will be disabled. The VCC regulator series pass transistor
includes a diode between VCC and VIN that should not be forward biased in normal operation.
In high voltage applications, additional care should be taken to ensure that the VIN pin does not exceed the
absolute maximum voltage rating of 45V. During line or load transients, voltage ringing on the VIN pin that
exceeds the absolute maximum ratings may damage the IC. Both careful PC board layout and the use of high
quality bypass capacitors located close to the VIN and GND pins are essential.
Line Under-Voltage Detector
The LM25088 contains a dual level under-voltage lockout (UVLO) circuit. When the EN pin is below 0.4V, the
controller is in a low current shutdown mode. When the EN pin is greater than 0.4V but less than 1.2V, the
controller is in a standby mode. In standby mode the VCC regulator is active but the output switch is disabled
and the SS pin is held low. When the EN pin exceeds 1.2V and VCC exceeds the VCC UV threshold, the SS pin
and the output switch is enabled and normal operation begins. An internal 5 µA pull-up current source at the EN
pin configures the controller to be fully operational if the EN pin is left open.
An external VIN UVLO set-point voltage divider from VIN to GND can be used to set the minimum startup input
voltage of the controller. The divider must be designed such that the voltage at the EN pin exceeds 1.2V (typ)
when VIN is in the desired operating range. The internal 5 µA pull-up current source must be included in
calculations of the external set-point divider. 100 mV of hysteresis is included for both the shutdown and standby
thresholds. The EN pin is internally connected to a 1 k
Ω resistor and an 8V zener clamp. If the voltage at the EN
pin exceeds 8V, the bias current for the EN pin will increase at the rate of 1mA/V. The voltage at the EN pin
should never exceed 14V.
Oscillator and Sync Capability
The LM25088 oscillator frequency is set by a single external resistor connected between the RT pin and the
GND pin. The RT resistor should be located very close to the device. To set a desired oscillator frequency (fSW),
the necessary value of RT resistor can be calculated from the following equation:
(1)
The RT pin can also be used to synchronize the internal oscillator to an external clock. The internal oscillator is
synchronized to an external clock by AC coupling a positive edge into the RT/SYNC pin. The RT/SYNC pin
voltage must exceed 3V to trip the internal clock synchronization pulse detector. The free-running frequency
should be set nominally 15% below the external clock frequency and the pulse width applied to the RT/SYNC pin
must be less than 150ns. Synchronization to an external clock more than twice the free-running frequency can
produce abnormal behavior of the pulse-width modulator.
Figure 16. Basic Enable Configuration
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM25088


Podobny numer części - LM25088Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM25088QMH-1/NOPB TI-LM25088QMH-1/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM25088QMH-2/NOPB TI-LM25088QMH-2/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM25088QMHX-1/NOPB TI-LM25088QMHX-1/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM25088QMHX-2/NOPB TI-LM25088QMHX-2/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results

Podobny opis - LM25088Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com