Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM34910 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części LM34910
Szczegółowy opis  High Voltage (40V, 1.25A) Step Down Switching Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM34910 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button LM34910 Datasheet HTML 4Page - Texas Instruments LM34910 Datasheet HTML 5Page - Texas Instruments LM34910 Datasheet HTML 6Page - Texas Instruments LM34910 Datasheet HTML 7Page - Texas Instruments LM34910 Datasheet HTML 8Page - Texas Instruments LM34910 Datasheet HTML 9Page - Texas Instruments LM34910 Datasheet HTML 10Page - Texas Instruments LM34910 Datasheet HTML 11Page - Texas Instruments LM34910 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
STOP
RUN
RON/SD
Input
Voltage
LM34910
VIN
RON
FMAX =
VOUT
VINMAX x 200 ns
tON =
VIN
1.3 x 10
-10 x R
ON
LM34910
SNVS297A – OCTOBER 2004 – REVISED FEBRUARY 2005
www.ti.com
Regulation Comparator
The feedback voltage at FB is compared to the voltage at the Softstart pin (2.5V). In normal operation (the output
voltage is regulated), an on-time period is initiated when the voltage at FB falls below 2.5V. The buck switch
stays on for the on-time, causing the FB voltage to rise above 2.5V. After the on-time period, the buck switch
stays off until the FB voltage falls below 2.5V. Bias current at the FB pin is nominally 100 nA.
Over-Voltage Comparator
The voltage at FB is compared to an internal 2.875V reference. If the voltage at FB rises above 2.875V the on-
time pulse is immediately terminated. This condition can occur if the input voltage or the output load changes
suddenly, or if the inductor (L1) saturates. The buck switch remains off until the voltage at FB falls below 2.5V.
ON-Time Timer, and Shutdown
The on-time for the LM34910 is determined by the RON resistor and the input voltage (VIN), and is calculated
from:
(5)
See Figure 3. The inverse relationship with VIN results in a nearly constant frequency as VIN is varied. RON should
be selected for a minimum on-time (at maximum VIN) greater than 200 ns. This requirement limits the maximum
frequency for each application, depending on VIN and VOUT, calculated from the following:
(6)
The LM34910 can be remotely shut down by taking the RON/SD pin below 0.65V. See Figure 6. In this mode the
SS pin is internally grounded, the on-timer is disabled, and bias currents are reduced. Releasing the RON/SD pin
allows normal operation to resume. The voltage at the RON/SD pin is between 1.5V and 3.0V, depending on VIN
and the RON resistor.
Figure 6. Shutdown Implementation
Current Limit
Current limit detection occurs during the off-time by monitoring the recirculating current through the free-wheeling
diode (D1). Referring to Typical Application Circuit and Block Diagram, when the buck switch is turned off the
inductor current flows through the load, into SGND, through the sense resistor, out of ISEN and through D1. If that
current exceeds 1.25A the current limit comparator output switches to delay the start of the next on-time period if
the voltage at FB is below 2.5V. The next on-time starts when the current out of ISEN is below 1.25A and the
voltage at FB is below 2.5V. If the overload condition persists causing the inductor current to exceed 1.25A
during each on-time, that is detected at the beginning of each off-time. The operating frequency may be lower
due to longer-than-normal off-times.
8
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM34910


Podobny numer części - LM34910

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM34910 TI-LM34910 Datasheet
845Kb / 18P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM34910C TI-LM34910C Datasheet
848Kb / 19P
[Old version datasheet]   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910CSD NSC-LM34910CSD Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
More results

Podobny opis - LM34910

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM34910 TI-LM34910_15 Datasheet
845Kb / 18P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
[Old version datasheet]   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
   High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM2695 TI-LM2695_15 Datasheet
914Kb / 21P
[Old version datasheet]   LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
   Step-down Voltage Switching Regulator
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com