Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM34917A Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części LM34917A
Szczegółowy opis  Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM34917A Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM34917A_14 Datasheet HTML 5Page - Texas Instruments LM34917A_14 Datasheet HTML 6Page - Texas Instruments LM34917A_14 Datasheet HTML 7Page - Texas Instruments LM34917A_14 Datasheet HTML 8Page - Texas Instruments LM34917A_14 Datasheet HTML 9Page - Texas Instruments LM34917A_14 Datasheet HTML 10Page - Texas Instruments LM34917A_14 Datasheet HTML 11Page - Texas Instruments LM34917A_14 Datasheet HTML 12Page - Texas Instruments LM34917A_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
STOP
RUN
RON/SD
Input
Voltage
LM34917A
VIN
RON
LM34917A
www.ti.com
SNOSAX7C – DECEMBER 2007 – REVISED MAY 2008
Figure 4. Remote Shutdown
Input Over-Voltage Shutdown
If the input voltage at VIN increases above 34.8V an internal comparator disables the buck switch and the on-
timer, and grounds the soft-start pin. Normal operation resumes when the VIN voltage reduces below 34.8V, and
when the soft-start voltage (at the SS pin) has reduced below 0.18V.
Current Limit
Current limit detection occurs during the off-time by monitoring the recirculating current flowing out of the ISEN
pin. Referring to the Block Diagram, during the off-time the inductor current flows through the load, into SGND,
through the internal sense resistor, out of ISEN and through D1 to the inductor. If that current exceeds the
current limit threshold the current limit comparator output delays the start of the next on-time period. The next on-
time starts when the current out of ISEN is below the threshold and the voltage at FB falls below 2.5V. The
operating frequency is typically lower due to longer-than-normal off-times.
The valley current limit threshold is a function of the input voltage (VIN) and the output voltage sensed at FB, as
shown in the graph “Valley Current Limit Threshold vs. VFB and VIN”. This feature reduces the inductor current’s
peak value at high line and load. To further reduce the inductor’s peak current, the next cycle’s on-time is
reduced by approximately 50% if the voltage at FB is below its threshold when the inductor current reduces to
the current limit threshold (VOUT is low due to current limiting).
Figure 3 illustrates the inductor current waveform during normal operation and in current limit. During the first
“Normal Operation” the load current is IOUT1, the average of the ripple waveform. As the load resistance is
reduced, the inductor current increases until it exceeds the current limit threshold. During the “Current Limited”
portion of Figure 3, the current limit threshold lowers since the high load current causes VOUT (and the voltage at
FB) to reduce. The on-time is reduced by approximately 50%, resulting in lower ripple amplitude for the inductor’s
current. During this time the LM34917A is in a constant current mode, with an average load current equal to the
current limit threshold +
ΔI/2 (IOUT2). Normal operation resumes when the load current is reduced to IOUT3,
allowing VOUT, the current limit threshold, and the on-time to return to their normal values. Note that in the
second period of “Normal Operation”, even though the inductor’s peak current exceeds the current limit threshold
during part of each cycle, the circuit is not in current limit since the current falls below the threshold before the
feedback voltage reduces to its threshold to initiate the next on-time.
The peak current allowed through the buck switch, and the ISEN pin, is 2A, and the maximum allowed average
current is 1.5A.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM34917A


Podobny numer części - LM34917A_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
More results

Podobny opis - LM34917A_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914 TI-LM34914_15 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34914 NSC-LM34914 Datasheet
328Kb / 14P
   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914 TI1-LM34914_14 Datasheet
838Kb / 21P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
LM34930 TI1-LM34930 Datasheet
1Mb / 24P
[Old version datasheet]   1A Constant On-Time Buck Switching Regulator with Intelligent Current
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com