Zakładka z wyszukiwarką danych komponentów |
|
2SK3056-S Arkusz danych(PDF) 2 Page - NEC |
|
2SK3056-S Arkusz danych(HTML) 2 Page - NEC |
2 / 8 page Data Sheet D13095EJ1V0DS00 2 2SK3056 ELECTRICAL CHARACTERISTICS (TA = 25 °C) CHARACTERISTICS SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Drain to Source On-state Resistance RDS(on)1 VGS = 10 V, ID = 16 A 24 34 m Ω RDS(on)2 VGS = 4.0 V, ID = 16 A 35 50 m Ω Gate to Source Cut-off Voltage VGS(off) VDS = 10 V, ID = 1 mA 1.0 1.5 2.0 V Forward Transfer Admittance | yfs |VDS = 10 V, ID = 16 A 8.0 20 S Drain Leakage Current IDSS VDS = 60 V, VGS = 0 V 10 µA Gate to Source Leakage Current IGSS VGS = ±20 V, VDS = 0 V ±10 µA Input Capacitance Ciss VDS = 10 V 920 pF Output Capacitance Coss VGS = 0 V 280 pF Reverse Transfer Capacitance Crss f = 1 MHz 120 pF Turn-on Delay Time td(on) ID = 16 A 25 ns Rise Time tr VGS(on) = 10 V 300 ns Turn-off Delay Time td(off) VDD = 30 V 70 ns Fall Time tf RG = 10 Ω 120 ns Total Gate Charge QG ID = 32 A 25 nC Gate to Source Charge QGS VDD = 48 V 3.3 nC Gate to Drain Charge QGD VGS = 10 V 7.0 nC Body Diode Forward Voltage VF(S-D) IF = 32 A, VGS = 0 V 1.0 V Reverse Recovery Time trr If = 32A, VGS = 0 V 50 ns Reverse Recovery Charge Qrr di/dt = 100A/ µs68 nC TEST CIRCUIT 3 GATE CHARGE VGS = 20 → 0 V PG. RG = 25 Ω 50 Ω D.U.T. L VDD TEST CIRCUIT 1 AVALANCHE CAPABILITY PG. RG = 10 Ω D.U.T. RL VDD TEST CIRCUIT 2 SWITCHING TIME RG PG. IG = 2 mA 50 Ω D.U.T. RL VDD ID VDD IAS VDS BVDSS Starting Tch VGS 0 τ = 1 µs Duty Cycle ≤ 1 % τ VGS Wave Form ID Wave Form VGS ID 10 % 0 0 90 % 90 % 90 % VGS(on) ID ton toff td(on) tr td(off) tf 10 %10 % |
Podobny numer części - 2SK3056-S |
|
Podobny opis - 2SK3056-S |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |