Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3DDR32611 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TS3DDR32611
Szczegółowy opis  1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS3DDR32611 Arkusz danych(HTML) 3 Page - Texas Instruments

  TS3DDR32611_14 Datasheet HTML 1Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 2Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 3Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 4Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 5Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 6Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 7Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 8Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TS3DDR32611
www.ti.com
SCDS347A – AUGUST 2013 – REVISED SEPTEMBER 2013
FUNCTION TABLE
STATE
VTT_EN(1)
ODT_EN(1)
VTT
VREF
SWITCH
Power Down mode(2)
L
L
OFF(Discharge)
OFF(Discharge)
Disabled
Low Speed mode
H
L
ON
ON
Disabled
High Speed mode
H
H
ON
ON
Enabled
(1)
The VTT_EN and ODT_EN pins has 6M
Ω weak pull-down resistor to GND to make its default value to be LOW.
(2)
For VTT_EN= L and ODE_EN= H, the TS3DDR32611 will also stays in the power down mode. However, there will be an increased
leakage current of up to max 25µA depending on the voltage level of ODT_EN and is thus not a recommended setting to use.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VDD
Supply voltage range(3)
–0.3
5.5
V
VCTRL
Control input (VTT_EN, ODT_EN) voltage range (3)
–0.3
5.5
V
VDDQ
VDDQ input voltage range
(3)
–0.3
3.6
V
VLDOIN
VLDOIN input voltage range
(3)
–0.3
3.6
V
VTT, VREF
VTT, VREF output voltage range
(3)
–0.3
3.6
V
VTTSNS
VTTSNS input voltage range
(3)
–0.3
3.6
V
PGND
PGND input voltage range(3)
–0.3
0.3
V
HBM
Electrostatic discharge QSS 009-105 (JESD22-A114A)
2
kV
CDM
Electrostatic discharge QSS 009-147 (JESD22-C101B.01)
500
V
TJ
Junction temperature
–40
125
°C
TA
Operating free-air temperature
–55
150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(3)
All voltages are with respect to GND, unless otherwise specified.
PACKAGE THERMAL IMPEDANCE
(1)
TYP
UNIT
θJA
Package thermal impedance
ZQC package
101(2)
°C/W
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
(2)
69.2°C/W With 4 Central GND vias when layout.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
Supply voltage range(1)
3.0
3.6
V
VCTRL
Control input (VTT_EN, ODT_EN) voltage range (1)
0
3.6
V
VDDQ
VDDQ input voltage range
(1)
1.2
1.5
V
VLDOIN
VLDOIN input voltage range(1)
VTT+0.4
1.5
V
VTT, VREF
VTT, VREF output voltage range
(1)
0
0.75
V
VTTSNS
VTTSNS input voltage range
(1)
0
0.75
V
PGND
PGND input voltage range(1)
–0.1
0.1
V
TA
Operating free-air temperature
–40
85
°C
(1)
All voltages are with respect to GND, unless otherwise specified.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :TS3DDR32611


Podobny numer części - TS3DDR32611_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3DDR32611 TI-TS3DDR32611_15 Datasheet
798Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
More results

Podobny opis - TS3DDR32611_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3DDR32611 TI1-TS3DDR32611 Datasheet
815Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI-TS3DDR32611_15 Datasheet
798Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
   Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
logo
Texas Instruments
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
Richtek Technology Corp...
RT9173D RICHTEK-RT9173D Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com