Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3519 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części LM3519
Szczegółowy opis  High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3519 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button LM3519 Datasheet HTML 2Page - Texas Instruments LM3519 Datasheet HTML 3Page - Texas Instruments LM3519 Datasheet HTML 4Page - Texas Instruments LM3519 Datasheet HTML 5Page - Texas Instruments LM3519 Datasheet HTML 6Page - Texas Instruments LM3519 Datasheet HTML 7Page - Texas Instruments LM3519 Datasheet HTML 8Page - Texas Instruments LM3519 Datasheet HTML 9Page - Texas Instruments LM3519 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
5
15
25
35
45
55
65
75
85
95
DUTY CYCLE (%)
2
5
8
11
14
17
20
23
20 kHz
50 kHz
30 kHz
EN = 20 kHz, 30 kHz, and 50 kHz
5
15
25
35
45
55
65
75
85
95
DUTY CYCLE (%)
1
4
7
10
13
16
19
22
EN = 100 Hz and 500 Hz
5
15
25
35
45
55
65
75
85
95
DUTY CYCLE (%)
1
4
7
10
13
16
19
22
EN =100 Hz and 500 Hz
19.5
20.0
20.5
21.0
21.5
22.0
2.7
3.0
3.3
3.6
3.9
4.2
4.5
VIN (V)
25°C
85°C
-40°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
1 PH
3.3 PH
1.5 PH
2.2 PH
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
4 LEDs
1.5 PH
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
3.3 PH
16.0
18.0
20.0
22.0
24.0
26.0
28.0
32.0
2.2 PH
1 PH
30.0
3 LEDs
LM3519
SNVS394A – AUGUST 2005 – REVISED SEPTEMBER 2005
www.ti.com
Typical Performance Characteristics (continued)
(See Figure 1: VIN = 3.6V, CIN = 4.7µF and COUT = 1µF, L = 2.2µH and 4 LEDs. TA = +25°C, unless otherwise stated.)
IOUT
IOUT
vs
vs
VIN
VIN
IOUT
IOUT
vs
vs
PWM Duty Cycle
VIN
(VIN = 3.6V, L = 2.2µH)
IOUT
IOUT
vs
vs
PWM Duty Cycle
PWM Duty Cycle
(VIN= 3.6V, L = 2.2µH)
(VIN = 3.6V, L = 1µH)
6
Submit Documentation Feedback
Copyright © 2005, Texas Instruments Incorporated
Product Folder Links: LM3519


Podobny numer części - LM3519

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3519 NSC-LM3519 Datasheet
1Mb / 14P
   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
LM3519MK-20 NSC-LM3519MK-20 Datasheet
1Mb / 14P
   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
LM3519MKX-20 NSC-LM3519MKX-20 Datasheet
1Mb / 14P
   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
More results

Podobny opis - LM3519

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3519 NSC-LM3519 Datasheet
1Mb / 14P
   High Frequency Boost White LED Driver with High-Speed PWM Brightness Control
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Micrel Semiconductor
MIC2298 MICREL-MIC2298_11 Datasheet
428Kb / 13P
   3.5A Minimum, 1MHz Boost High Brightness White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com