Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3503ITLX-44NOPB Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części LM3503ITLX-44NOPB
Szczegółowy opis  Dual-Display Constant Current LED Driver with Analog Brightness Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3503ITLX-44NOPB Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM3503ITLX-44NOPB Datasheet HTML 5Page - Texas Instruments LM3503ITLX-44NOPB Datasheet HTML 6Page - Texas Instruments LM3503ITLX-44NOPB Datasheet HTML 7Page - Texas Instruments LM3503ITLX-44NOPB Datasheet HTML 8Page - Texas Instruments LM3503ITLX-44NOPB Datasheet HTML 9Page - Texas Instruments LM3503ITLX-44NOPB Datasheet HTML 10Page - Texas Instruments LM3503ITLX-44NOPB Datasheet HTML 11Page - Texas Instruments LM3503ITLX-44NOPB Datasheet HTML 12Page - Texas Instruments LM3503ITLX-44NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
300
400
500
600
700
800
900
1000
125
oC
INMOS = 400 mA
25
oC
-40
oC
8
16
24
32
40
48
VOUT1 PIN VOLTAGE (V)
0
20
40
60
80
100
120
140
160
0
125
oC
25
oC
-40
oC
EN2 PIN VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
0.0
2.0
4.0
1.0
3.0
5.0
-40
oC
125
oC
25
oC
EN1 PIN VOLTAGE (V)
10
15
20
25
30
0.0
1.0
2.0
3.0
4.0
5.0
0
5
125
oC
-40
oC
25
oC
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
TEMPERATURE (
oC)
94
98
-40
95
96
97
VIN = 2.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
CNTRL PIN VOLTAGE (V)
0
2
4
6
8
10
12
14
-40
oC
125
oC
25
oC
LM3503
www.ti.com
SNVS329D – JULY 2005 – REVISED AUGUST 2006
Typical Performance Characteristics (continued)
(See Typical Application Circuit :e L=DO1608C-223 and D=B150-13. Efficiency:
η = POUT/ PIN = [(VOUT – VFb ) * IOUT] / [VIN *
IIN]. TA = +25°C, unless otherwise stated.)
Cntrl Pin Current
Maximum Duty Cycle
vs
vs
Cntrl Pin Voltage
Temperature
Figure 13.
Figure 14.
En1 Pin Current
En2 Pin Current
vs
vs
En1 Pin Voltage
En2 Pin Voltage
Figure 15.
Figure 16.
VOUT1 Pin Current
Power NMOS RDS(ON) (Figure 3: N1)
vs
vs
VOUT1Pin Voltage
VIN
Figure 17.
Figure 18.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3503


Podobny numer części - LM3503ITLX-44NOPB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3503ITLX-44 NSC-LM3503ITLX-44 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503ITLX-44 NSC-LM3503ITLX-44 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
More results

Podobny opis - LM3503ITLX-44NOPB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com