Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3502SQ-25 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części LM3502SQ-25
Szczegółowy opis  Step-Up Converter for White LED Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3502SQ-25 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM3502SQ-25 Datasheet HTML 5Page - Texas Instruments LM3502SQ-25 Datasheet HTML 6Page - Texas Instruments LM3502SQ-25 Datasheet HTML 7Page - Texas Instruments LM3502SQ-25 Datasheet HTML 8Page - Texas Instruments LM3502SQ-25 Datasheet HTML 9Page - Texas Instruments LM3502SQ-25 Datasheet HTML 10Page - Texas Instruments LM3502SQ-25 Datasheet HTML 11Page - Texas Instruments LM3502SQ-25 Datasheet HTML 12Page - Texas Instruments LM3502SQ-25 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
LED CURRENT (mA)
40
45
50
55
60
65
70
75
80
85
90
2.5
VIN = 5.5V
VIN = 3.3V
VIN = 2.7V
VIN = 4.2V
VIN = 3V
2
12
22
32
42
52
62
LED CURRENT (mA)
40
45
50
55
60
65
70
75
80
85
90
VIN = 2.7V
VIN = 3V
VIN = 3.3V
VIN = 4.2V
VIN = 5.5V
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
TEMPERATURE (
oC)
1.75
1.95
-40
1.80
1.85
1.90
VIN = 2.5V
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
1.50
2.00
2.50
3.00
3.50
4.00
2.5
25
oC
125
oC
-40
oC
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
TEMPERATURE (
oC)
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
-40
VIN = 2.5V
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
0.400
0.440
0.480
0.520
0.560
0.600
2.5
-40
oC
0.420
0.460
0.500
0.540
0.580
125
oC
25
oC
LM3502
www.ti.com
SNVS339A – SEPTEMBER 2005 – REVISED AUGUST 2006
Typical Performance Characteristics
( Circuit in Figure 1: L = DO1608C-223 and D = MBRM140T3. Efficiency:
η = POUT/PIN = [(VOUT – VFb) * IOUT]/[VIN * IIN]. TA=
25°C, unless otherwise stated.)
IQ (Non-Switching)
Switching Frequency
vs
vs
VIN
Temperature
Figure 7.
Figure 8.
IQ (Switching)
IQ (Switching)
vs
vs
VIN
Temperature
Figure 9.
Figure 10.
10 LED Efficiency
8 LED Efficiency
vs
vs
LED Current
LED Current
Figure 11.
Figure 12.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3502


Podobny numer części - LM3502SQ-25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3502SQ-25 NSC-LM3502SQ-25 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3502SQ-25 NSC-LM3502SQ-25 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502SQ-25/NOPB TI1-LM3502SQ-25/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
More results

Podobny opis - LM3502SQ-25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com