Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3242 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części LM3242
Szczegółowy opis  6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3242 Arkusz danych(HTML) 4 Page - Texas Instruments

  LM3242_14 Datasheet HTML 1Page - Texas Instruments LM3242_14 Datasheet HTML 2Page - Texas Instruments LM3242_14 Datasheet HTML 3Page - Texas Instruments LM3242_14 Datasheet HTML 4Page - Texas Instruments LM3242_14 Datasheet HTML 5Page - Texas Instruments LM3242_14 Datasheet HTML 6Page - Texas Instruments LM3242_14 Datasheet HTML 7Page - Texas Instruments LM3242_14 Datasheet HTML 8Page - Texas Instruments LM3242_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM3242
SNOSB48D – OCTOBER 2011 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
Limits in standard typeface are for TA = TJ = 25°C. Limits in boldface type apply over the full operating ambient temperature
range (
−30°C ≤ TA = TJ ≤ +90°C). Unless otherwise noted, all specifications apply to the Typical Application Circuit (page 1)
with VIN = EN = 3.6V, and BPEN = NC = 0V.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VFB,MIN
Feedback voltage at
PWM mode, VCON = 0.16V (1)
0.38
0.4
0.42
V
minimum setting
VFB,MAX
Feedback voltage at
PWM mode, VCON = 1.44V, VIN = 4.0V
3.55
3.6
3.65
V
maximum setting
ISHDN
Shutdown supply current
EN = SW = VCON = FB = BPEN = NC =
0.1
1.0
µA
0V (2)
IQ_PWM
PWM mode quiescent
PWM mode, No switching
650
795
µA
current
VCON = 0.13V, FB = 1V (3)
EN = VIN, BPEN = NC = 0V, SW =
µA
IQ_SLEEP
Low-power SLEEP mode
TriState
60
80
VCON < 0.08V (4)
IQ_ECO
ECO mode Quiescent
ECO mode, No switching
60
80
µA
current
VCON = 0.8V, FB = 2.05V (3)
RDSON (P)
Pin-pin resistance for PFET
VIN = VGS = 3.6V, ISW = 200 mA
170
260
m
RDSON (N)
Pin-pin resistance for NFET VIN = VGS = 3.6V, ISW = −200 mA
110
200
m
Pin-Pin resistance for
RDSON (BP)
VIN = VGS = 3.1V, ISW = −200 mA
80
110
m
BPFET
ILIM P
PFET switch peak current
(5)
1300
1450
1600
mA
limit
BPFET switch peak current
ILIM BP
VFB = VIN − 1V
(5)
310
400
mA
limit
FOSC
Internal oscillator frequency
5.7
6
6.3
MHz
VIH
EN, BPEN Logic high input
1.2
V
threshold
VIL
EN, BPEN Logic low input
0.4
V
threshold
Gain
VCON to VOUT gain
0.16V
≤ VCON ≤ 1.44V (6)
2.5
V/V
IVCON
VCON pin leakage current
VCON = 1.0V
±1
µA
Auto Bypass Detection
VCON = 1.2V (VOUT-SET = 3.0V)
VBP,NEG
165
200
235
mV
Negative Threshold
VIN = 3.2V, RL = 6Ω (IOUT = 500 mA)
(7)
Auto Bypass Detection
VCON = 1.2V (VOUT-SET = 3.0V)
VBP,POS
215
250
285
Positive Threshold
VIN = 3.25V, RL = 6Ω (IOUT = 500 mA)
(8)
Auto Bypass IOUT Slew
IBP,SLEW
BPEN = High, Forced Bypass
1600
mA
Current
(1)
All 0.4V VOUT specifications are at steady-state only.
(2)
Shutdown current includes leakage current of PFET.
(3)
Iq specified here is when the part is not switching under test mode conditions. For operating quiescent current at no load, refer to
datasheet curves.
(4)
FB has 200 k
Ω to SGND.
(5)
Current limit is built-in, fixed, and not adjustable.
(6)
Care should be taken to keep the VCON pin voltage less than the VIN pin voltage as this can place the part into a manufacturing test
mode.
(7)
Entering Bypass Mode VIN is compared to the programmed output voltage (2.5 × VCON). When VIN − (2.5 × VCON) falls below VBP,NEG
longer than TBP,NEG, the Bypass FET turns on, and the switching FET turns on.
(8)
Bypass Mode is exited when VIN − (2.5 × VCON) exceeds VBP,POS longer than TBP,POS, and PWM mode resumes. The hysteresis for
the bypass detection threshold VBP,POS-VBP,NEG will always be positive and will be approximately 50 mV.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3242


Podobny numer części - LM3242_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3242 TI-LM3242_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
REVISED AUGUST 2015
More results

Podobny opis - LM3242_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3241 TI1-LM3241_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM3241 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
REVISED APRIL 2013
LM3262 TI-LM3262_15 Datasheet
3Mb / 27P
[Old version datasheet]   LM3262 6MHz, 800 mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
LM3241 TI1-LM3241 Datasheet
185Kb / 6P
[Old version datasheet]   LM3241 PRODUCT BRIEF 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
October 13, 2011
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
[Old version datasheet]   LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
   Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com