Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD1XGJERI00059G Arkusz danych(PDF) 6 Page - OPLINK Communications Inc.

Numer części TPD1XGJERI00059G
Szczegółowy opis  DWDM 40km SFP Transceivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OPLINK [OPLINK Communications Inc.]
Strona internetowa  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPD1XGJERI00059G Arkusz danych(HTML) 6 Page - OPLINK Communications Inc.

  TPD1XGJERI00059G Datasheet HTML 1Page - OPLINK Communications Inc. TPD1XGJERI00059G Datasheet HTML 2Page - OPLINK Communications Inc. TPD1XGJERI00059G Datasheet HTML 3Page - OPLINK Communications Inc. TPD1XGJERI00059G Datasheet HTML 4Page - OPLINK Communications Inc. TPD1XGJERI00059G Datasheet HTML 5Page - OPLINK Communications Inc. TPD1XGJERI00059G Datasheet HTML 6Page - OPLINK Communications Inc. TPD1XGJERI00059G Datasheet HTML 7Page - OPLINK Communications Inc. TPD1XGJERI00059G Datasheet HTML 8Page - OPLINK Communications Inc. TPD1XGJERI00059G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
TPD1XGJERxx
Oplink Communications, Inc
S0217. Rev.02 (web) 2014-02-24
Package Outline
Ordering Information
Dimensions in [inches] mm
Millimeters are the primary units.
Tolerances are in accordance with
SFF-8432 Rev.5
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TPD1XGJERC00061G
- 5°C to +70°C
Commercial
1528.77
196.1
61
40km
TPD1XGJERC00060G
- 5°C to +70°C
Commercial
1529.55
196.0
60
40km
TPD1XGJERC00059G
- 5°C to +70°C
Commercial
1530.33
195.9
59
40km
TPD1XGJERC00058G
- 5°C to +70°C
Commercial
1531.12
195.8
58
40km
TPD1XGJERC00057G
- 5°C to +70°C
Commercial
1531.90
195.7
57
40km
TPD1XGJERC00056G
- 5°C to +70°C
Commercial
1532.68
195.6
56
40km
TPD1XGJERC00055G
- 5°C to +70°C
Commercial
1533.47
195.5
55
40km
TPD1XGJERC00054G
- 5°C to +70°C
Commercial
1534.25
195.4
54
40km
TPD1XGJERC00053G
- 5°C to +70°C
Commercial
1535.04
195.3
53
40km
TPD1XGJERC00052G
- 5°C to +70°C
Commercial
1535.82
195.2
52
40km
TPD1XGJERC00051G
- 5°C to +70°C
Commercial
1536.61
195.1
51
40km
TPD1XGJERC00050G
- 5°C to +70°C
Commercial
1537.40
195.0
50
40km
TPD1XGJERC00049G
- 5°C to +70°C
Commercial
1538.19
194.9
49
40km
TPD1XGJERC00048G
- 5°C to +70°C
Commercial
1538.98
194.8
48
40km
TPD1XGJERC00047G
- 5°C to +70°C
Commercial
1539.77
194.7
47
40km
TPD1XGJERC00046G
- 5°C to +70°C
Commercial
1540.56
194.6
46
40km
TPD1XGJERC00045G
- 5°C to +70°C
Commercial
1541.35
194.5
45
40km


Podobny numer części - TPD1XGJERI00059G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPLINK Communications I...
TPD1XGJERI00059G OPLINK-TPD1XGJERI00059G Datasheet
347Kb / 9P
   DWDM 40km SFP Transceivers
More results

Podobny opis - TPD1XGJERI00059G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPLINK Communications I...
TPD1XGJERXX-S0217 OPLINK-TPD1XGJERXX-S0217 Datasheet
347Kb / 9P
   DWDM 40km SFP Transceivers
TPC1XGJERXG OPLINK-TPC1XGJERXG Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
TPC1XGJERXG-S0218 OPLINK-TPC1XGJERXG-S0218 Datasheet
325Kb / 7P
   CWDM 40km SFP Transceivers
TPP7XGJERC000E2G OPLINK-TPP7XGJERC000E2G Datasheet
479Kb / 6P
   1550nm 40km SFP Transceivers
logo
MRV Communications, Inc...
SFP27DWLR08 MRV-SFP27DWLR08 Datasheet
94Kb / 5P
   DWDM Multirate SFP Transceivers
logo
Finisar Corporation.
FTLX3671DTC20 FINISAR-FTLX3671DTC20 Datasheet
505Kb / 13P
   Industrial Temperature DWDM 1.2G-11.3G, 40km SFP Transceiver
FTLX3671MTC20 FINISAR-FTLX3671MTC20 Datasheet
502Kb / 14P
   Industrial Temperature DWDM 10G Multi-Rate, 40km SFP Transceiver
logo
OPLINK Communications I...
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
logo
Optoway Technology Inc
SPS-2341MW-DXXG OPTOWAY-SPS-2341MW-DXXG Datasheet
200Kb / 7P
   40km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-D21G OPTOWAY-SPS-2341MW-D21G_11 Datasheet
201Kb / 7P
   40km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com