Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2852 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM2852
Szczegółowy opis  2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2852 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM2852_14 Datasheet HTML 1Page - Texas Instruments LM2852_14 Datasheet HTML 2Page - Texas Instruments LM2852_14 Datasheet HTML 3Page - Texas Instruments LM2852_14 Datasheet HTML 4Page - Texas Instruments LM2852_14 Datasheet HTML 5Page - Texas Instruments LM2852_14 Datasheet HTML 6Page - Texas Instruments LM2852_14 Datasheet HTML 7Page - Texas Instruments LM2852_14 Datasheet HTML 8Page - Texas Instruments LM2852_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
PVIN
AVIN
EN
SS
SGND
PGND
SNS
SW
LM2852Y
CSS = 2.7 nF
CIN = 22 PF
VIN = 3.3V
VOUT = 2.5V
ILOAD = 0A to 2A
CO = 100 PF
+
LO = 10 PH
LM2852
www.ti.com
SNVS325C – JANUARY 2005 – REVISED OCTOBER 2006
LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER® Buck Regulator
Check for Samples: LM2852
1
FEATURES
DESCRIPTION
The LM2852 SIMPLE SWITCHER® synchronous
2
Input Voltage Range of 2.85 to 5.5V
buck
regulator
is
a
high
frequency
step-down
Factory EEPROM Set Output Voltages from
switching voltage regulator capable of driving up to a
0.8V to 3.3V in 100mV Increments
2A load with excellent line and load regulation. The
Maximum Load Current of 2A
LM2852 can accept an input voltage between 2.85V
and 5.5V and deliver an output voltage that is factory
Voltage Mode Control
programmable
from
0.8V
to
3.3V
in
100mV
Internal Type-Three Compensation
increments. The LM2852 is available with a choice of
Switching Frequency of 500kHz or 1.5MHz
two switching frequencies - 500kHz (LM2852Y) or
1.5MHz (LM2852X). It also features internal, type-
Low Standby Current of 10µA
three compensation to deliver a low component count
Internal 60 m
Ω MOSFET Switches
solution. The exposed-pad HTSSOP-14 package
Standard Voltage Options
enhances the thermal performance of the LM2852.
0.8/1.0/1.2/1.5/1.8/2.5/3.3 Volts
APPLICATIONS
Low Voltage Point of Load Regulation
Local Solution for FPGA/DSP/ASIC Core
Power
Broadband Networking and Communications
Infrastructure
Portable Computing
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM2852_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
More results

Podobny opis - LM2852_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852YMXA-33 TI-LM2852YMXA-33 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM2854 TI1-LM2854_14 Datasheet
1Mb / 30P
[Old version datasheet]   4A 500 kHz / 1 MHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2854 NSC-LM2854 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
   EZBuck??2A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com