Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2771 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2771
Szczegółowy opis  Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2771 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM2771 Datasheet HTML 1Page - Texas Instruments LM2771 Datasheet HTML 2Page - Texas Instruments LM2771 Datasheet HTML 3Page - Texas Instruments LM2771 Datasheet HTML 4Page - Texas Instruments LM2771 Datasheet HTML 5Page - Texas Instruments LM2771 Datasheet HTML 6Page - Texas Instruments LM2771 Datasheet HTML 7Page - Texas Instruments LM2771 Datasheet HTML 8Page - Texas Instruments LM2771 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM2771
VIN
VOUT
EN
Capacitors: 1 PF - TDK C1005X5R1A105K
4.7 PF - TDK C1608X5R0J475K
or equivalent
VIN = 3.0V to 5.5V
Cfly
1 PF
CIN
1 PF
COUT
4.7PF
VOUT: 1.5V
IOUT up to 250 mA
C1+
C1-
GND
LM2771
www.ti.com
SNVS435 – MARCH 2006
LM2771 Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
Check for Samples: LM2771
1
FEATURES
No Inductors…Small Solution Size
Current Limit and Thermal Protection
2
Low-Noise Fixed Frequency Operation
WSON-10 Package (3mm × 3mm × 0.8mm)
1.5V Output Voltage
Li-Ion (3.6V) to 1.5V with 81% Efficiency
APPLICATIONS
1.7% Output Voltage Accuracy
DSP, Memory, and Microprocessor Power
Very Low Output Ripple: 8mV @ 250mA
Supplies
Output Currents up to 250mA
Mobile Phones and Pagers
2.7V to 5.5V Input Range
Portable Electronic Devices
Shutdown Disconnects Load from VIN
1.1MHz Switching Frequency
DESCRIPTION
The LM2771 is a switched capacitor step-down regulator that produces a 1.5V output without the use of an
inductor. It is capable of supplying loads up to 250mA. The LM2771 operates with an input voltage from 2.7V to
5.5V, and requires only 3 low-cost ceramic capacitors.
The LM2771 uses a regulated 0.5x charge pump to give power conversion efficiencies nearly twice as high as an
LDO. Pre-regulated 1.1MHz fixed-frequency switching results in very low ripple and noise on both the input and
the output. When output currents are low (<30mA typ.), the part automatically switches to a low-ripple PFM
regulation mode to maintain high efficiency over the entire load range. At input voltages below 3.5V (Typ), the
charge pump goes into pass mode, with efficiencies similar to an LDO.
The LM2771 is available in National’s 10-pad Leadless Leadframe No-Pullback Package (WSON-10).
Typical Application Circuit
LM2771 Efficiency vs.
Low-Dropout Linear Regulator (LDO) Efficiency
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM2771

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM2771SD NSC-LM2771SD Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM2771SDX NSC-LM2771SDX Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
More results

Podobny opis - LM2771

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM2772 NSC-LM2772 Datasheet
1Mb / 12P
   Low-Ripple Switched Capacitor Step-Down Regulator
logo
Texas Instruments
LM2772 TI1-LM2772 Datasheet
2Mb / 16P
[Old version datasheet]   Low-Ripple Switched Capacitor Step-Down Regulator
logo
ams AG
AS1334 AMSCO-AS1334_07 Datasheet
932Kb / 19P
   650mA, Ultra low Ripple Step Down DC/DC Converter
AS1334 AMSCO-AS1334 Datasheet
1Mb / 17P
   650mA, Ultra low Ripple Step Down DC/DC Converter
logo
Texas Instruments
LM2772 TI-LM2772_15 Datasheet
2Mb / 17P
[Old version datasheet]   LM2772 Low-Ripple Switched Capacitor Step-Down Regulator
logo
Linear Technology
LTC1514-5 LINER-LTC1514-5_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3 Datasheet
215Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
   SWITCHED CAPACITOR DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com