Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3109-S Arkusz danych(PDF) 2 Page - NEC

Numer części 2SK3109-S
Szczegółowy opis  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

2SK3109-S Arkusz danych(HTML) 2 Page - NEC

  2SK3109-S Datasheet HTML 1Page - NEC 2SK3109-S Datasheet HTML 2Page - NEC 2SK3109-S Datasheet HTML 3Page - NEC 2SK3109-S Datasheet HTML 4Page - NEC 2SK3109-S Datasheet HTML 5Page - NEC 2SK3109-S Datasheet HTML 6Page - NEC 2SK3109-S Datasheet HTML 7Page - NEC 2SK3109-S Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D13332EJ1V0DS00
2
2SK3109
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
Characteristics
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Drain Leakage Current
IDSS
VDS = 200 V, VGS = 0 V
100
µA
Gate Leakage Current
IGSS
VGS =
±30 V, VDS = 0 V
±10
µA
Gate to Source Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
2.5
4.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 5.0 A
1.5
S
Drain to Source On-state Resistance
RDS(on)
VGS = 10 V, ID = 5.0 A
0.32
0.4
Input Capacitance
Ciss
VDS = 10 V
400
pF
Output Capacitance
Coss
VGS = 0 V
110
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
55
pF
Turn-on Delay Time
td(on)
VDD = 100 V
12
ns
Rise Time
tr
ID = 5.0 A
34
ns
Turn-off Delay Time
td(off)
VGS(on) = 10 V
40
ns
Fall Time
tf
RG = 10
20
ns
Total Gate Charge
QG
VDD = 160 V
18
nC
Gate to Source Charge
QGS
VGS = 10 V
3.5
nC
Gate to Drain Charge
QGD
ID = 10 A
10
nC
Diode Forward Voltage
VF(S-D)
IF = 10 A, VGS = 0 V
1.0
V
Reverse Recovery Time
trr
IF = 10 A, VGS = 0 V
250
ns
Reverse Recovery Charge
Qrr
di/dt = 50 A/
µs1.0
µC
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
50
PG
L
VDD
VGS = 20
→ 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1 %
VGS
Wave Form
ID
Wave Form
VGS
10 %
90 %
VGS(on)
10 %
0
ID
90 %
90 %
td(on)
tr td(off)
tf
10 %
τ
ID
0
ton
toff
PG.
50
D.U.T.
RL
VDD
IG = 2 mA
5


Podobny numer części - 2SK3109-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2SK3109-S ISC-2SK3109-S Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3109-S RENESAS-2SK3109-S Datasheet
409Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Podobny opis - 2SK3109-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com