Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3110 Arkusz danych(PDF) 3 Page - NEC

Numer części 2SK3110
Szczegółowy opis  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

2SK3110 Arkusz danych(HTML) 3 Page - NEC

  2SK3110 Datasheet HTML 1Page - NEC 2SK3110 Datasheet HTML 2Page - NEC 2SK3110 Datasheet HTML 3Page - NEC 2SK3110 Datasheet HTML 4Page - NEC 2SK3110 Datasheet HTML 5Page - NEC 2SK3110 Datasheet HTML 6Page - NEC 2SK3110 Datasheet HTML 7Page - NEC 2SK3110 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D13333EJ1V0DS00
3
2SK3110
TYPICAL CHARACTERISTICS (TA = 25°C)
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS
- Drain to Source Voltage - V
50
45
40
35
30
25
20
15
10
5
0
Pulsed
0
2
4
6
8
10
VGS = 30 V
VGS = 10 V
FORWARD TRANSFER CHARACTERISTICS
VGS
- Gate to Source Voltage - V
100
10
1
0.1
0.01
0.001
Pulsed
0
VDS = 10 V
1
2
34
5
67
8
910 11 12
Tch = 125˚C
75˚C
25˚C
-25˚C
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS = 10 V
ID = 1 mA
− 50
50
100
0
150
5.0
4.5
4.0
3.5
3.0
2.5
2.0
− 25
25
75
125
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID- Drain Current - A
0.1
100
10
1
0.1
0.01
1
100
0.01
10
VDS =10 V
Pulsed
Tch = -25˚C
Tch = 25˚C
Tch = 75˚C
Tch = 125˚C
Pulsed
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
500
450
400
350
300
250
200
150
100
50
0
0
24
6
810 12
14
16
18
20
ID = 14 A
7.0 A
2.8 A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
1
10
100
Pulsed
300
250
200
150
100
50
0
0.1
VGS = 10 V
VGS = 30 V
5


Podobny numer części - 2SK3110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SK3110 RENESAS-2SK3110 Datasheet
239Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Podobny opis - 2SK3110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com