Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3686 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części LM3686
Szczegółowy opis  Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3686 Arkusz danych(HTML) 5 Page - Texas Instruments

  LM3686_14 Datasheet HTML 1Page - Texas Instruments LM3686_14 Datasheet HTML 2Page - Texas Instruments LM3686_14 Datasheet HTML 3Page - Texas Instruments LM3686_14 Datasheet HTML 4Page - Texas Instruments LM3686_14 Datasheet HTML 5Page - Texas Instruments LM3686_14 Datasheet HTML 6Page - Texas Instruments LM3686_14 Datasheet HTML 7Page - Texas Instruments LM3686_14 Datasheet HTML 8Page - Texas Instruments LM3686_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM3686
www.ti.com
SNVS520D – AUGUST 2008 – REVISED MARCH 2011
Absolute Maximum Ratings
(1) (2)
VBATT pin to GND and QGND
-0.2V to 6.0V
Enable pins,
(GND-0.2V) to
Feedback pins,
(VBATT+0.2V) with
SW pin
6.0V max
Junction Temperature (TJ-MAX )
150°C
Storage Temperature Range
-65°C to + 150°C
Continuous Power Dissipation(3)
Internally Limited
Maximum Lead Temperature
(4)
(Soldering)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150°C (typ.) and
disengages at TJ = 130°C (typ.).
(4)
For detailed soldering specifications and information, please refer to National Semiconductor Application Note 1112: Micro SMD Wafer
Level Chip Scale Package (AN-1112)
Operating Ratings
Input Voltage Range VBATT
2.7V to 5.5V
(DC-DC & LDO)
Junction Temperature (TJ) Range
-40°C to + 125°C
Ambient Temperature (TA) Range
-40°C to + 85°C
(1)
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Thermal Properties
Junction-to-Ambient Thermal Resistance (
θJA)
(1)
Micro SMD 12
120°C/W
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special attention must be paid to thermal dissipation issues in board design.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3686


Podobny numer części - LM3686_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
More results

Podobny opis - LM3686_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Maxim Integrated Produc...
MAX1765 MAXIM-MAX1765_11 Datasheet
873Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
MAX1765 MAXIM-MAX1765 Datasheet
559Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
19-1805; Rev 0; 12/00
logo
Richtek Technology Corp...
RT8036 RICHTEK-RT8036 Datasheet
333Kb / 17P
   One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
logo
National Semiconductor ...
LP8720 NSC-LP8720 Datasheet
1Mb / 24P
   One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
LM3687 NSC-LM3687 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Texas Instruments
LM3687 TI1-LM3687 Datasheet
1Mb / 35P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Maxim Integrated Produc...
MAX17670 MAXIM-MAX17670 Datasheet
1Mb / 25P
   Integrated 4V-60V, 150mA, High-Efficiency Synchronous Step-Down DC-DC Converter with 50mA Linear Regulator
Rev 2; 4/20
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com