Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3431 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części LM3431
Szczegółowy opis  3-Channel Constant Current LED Driver with Integrated Boost Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3431 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM3431_14 Datasheet HTML 3Page - Texas Instruments LM3431_14 Datasheet HTML 4Page - Texas Instruments LM3431_14 Datasheet HTML 5Page - Texas Instruments LM3431_14 Datasheet HTML 6Page - Texas Instruments LM3431_14 Datasheet HTML 7Page - Texas Instruments LM3431_14 Datasheet HTML 8Page - Texas Instruments LM3431_14 Datasheet HTML 9Page - Texas Instruments LM3431_14 Datasheet HTML 10Page - Texas Instruments LM3431_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
13.0
13.5
14.0
14.5
15.0
15.5
16.0
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (°C)
3.30
3.40
3.50
3.60
3.70
3.80
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (°C)
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (°C)
1.00
1.25
1.50
1.75
2.00
2.25
2.50
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (°C)
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (°C)
LM3431
www.ti.com
SNVS547F – NOVEMBER 2007 – REVISED MARCH 2009
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified the following conditions apply: VIN = 12V, TJ = 25°C.
VREF vs. Temperature
CFB Voltage vs. Temperature
Figure 2.
Figure 3.
SNS 1, 2, 3 VOS
Delta VOS Max
vs
vs
Temperature (LM3431 or LM3431A)
Temperature (LM3431 or LM3431A)
Figure 4.
Figure 5.
IQ_SB vs Temperature
IQ_SD vs Temperature
Figure 6.
Figure 7.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3431


Podobny numer części - LM3431_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3431A NSC-LM3431A Datasheet
540Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431A NSC-LM3431A Datasheet
541Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431A NSC-LM3431A Datasheet
605Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431AMH NSC-LM3431AMH Datasheet
540Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431AMH NSC-LM3431AMH Datasheet
541Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
More results

Podobny opis - LM3431_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3431 NSC-LM3431_09 Datasheet
605Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431 NSC-LM3431_08 Datasheet
541Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431 NSC-LM3431 Datasheet
540Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
GS8206 ETC-GS8206 Datasheet
550Kb / 11P
   3 channel constant current LED driver
June 12,2016 version0.2
logo
Comchip Technology
TCA62724FMG COMCHIP-TCA62724FMG_15 Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
UCS1903 ETC2-UCS1903 Datasheet
1Mb / 10P
   3-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4103V-GT2 ONSEMI-CAT4103V-GT2 Datasheet
243Kb / 13P
   3-Channel Constant-Current RGB LED Driver
Doc. No. MD-5038, Rev. A
CAT4103 ONSEMI-CAT4103 Datasheet
162Kb / 13P
   3-Channel Constant-Current RGB LED Driver
March, 2010 ??Rev. 1
CAT4109 ONSEMI-CAT4109_15 Datasheet
187Kb / 10P
   3-Channel Constant-Current RGB LED Driver
May, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com