Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3431 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części LM3431
Szczegółowy opis  3-Channel Constant Current LED Driver with Integrated Boost Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3431 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM3431 Datasheet HTML 1Page - Texas Instruments LM3431 Datasheet HTML 2Page - Texas Instruments LM3431 Datasheet HTML 3Page - Texas Instruments LM3431 Datasheet HTML 4Page - Texas Instruments LM3431 Datasheet HTML 5Page - Texas Instruments LM3431 Datasheet HTML 6Page - Texas Instruments LM3431 Datasheet HTML 7Page - Texas Instruments LM3431 Datasheet HTML 8Page - Texas Instruments LM3431 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LM3431
www.ti.com
SNVS547F – NOVEMBER 2007 – REVISED MARCH 2009
LM3431/LM3431A/LM3431Q/LM3431AQ 3-Channel Constant Current LED Driver with
Integrated Boost Controller
Check for Samples: LM3431
1
FEATURES
DESCRIPTION
The LM3431 is a 3-channel linear current controller
2
LM3431Q/LM3431AQ are Automotive Grade
combined with a boost switching controller ideal for
Products that are AEC-Q100 Grade 1 Qualified
driving
LED
backlight
panels
in
space
critical
(–40°C to 125°C operating junction
applications. The LM3431 drives 3 external NPN
temperature)
transistors or MOSFETs to deliver high accuracy
3-Channel Programmable LED Current
constant current to 3 LED strings. Output current is
adjustable to drive strings in excess of 200 mA. The
High Accuracy Linear Current Regulation
LM3431 can be expanded to drive as many as 6 LED
Analog and Digital PWM Dimming Control
strings.
Up to 25kHz Dimming Frequency
The boost controller drives an external NFET switch
>100:1 Contrast Ratio
for step-up regulation from input voltages between 5V
Integrated Boost Controller
and
36V.
The
LM3431
features
LED
cathode
feedback
to
minimize
regulator
headroom
and
5V-36V Input Voltage Range
optimize efficiency.
Adjustable Switching Frequency up to 1MHz
A DIM input pin controls LED brightness from analog
LED Short and Open Protection
or digital control signals. Dimming frequencies up to
Selectable Fault Shutdown or Automatic
25 kHz are possible with a contrast ratio of 100:1.
Restart
Contrast ratios greater than 1000:1 are possible at
Programmable Fault Delay
lower dimming frequencies.
Programmable Cycle by Cycle Current Limit
The LM3431 eliminates audible noise problems by
Output Over Voltage Protection
maintaining constant output voltage regulation during
LED dimming. Additional features include LED short
No Audible Noise
and open protection, fault delay/error flag, cycle by
Enable Pin
cycle current limit, and thermal shutdown for both the
LED Over-Temperature Shutdown Input
IC and LED array. The enhanced LM3431A features
reduced offset voltage for higher accuracy LED
Thermal Shutdown
current.
TSSOP-28 Exposed Pad Package
APPLICATIONS
Automotive Infotainment Displays
Small to Medium Format Displays
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM3431

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3431 NSC-LM3431 Datasheet
540Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431 NSC-LM3431 Datasheet
541Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431 NSC-LM3431 Datasheet
605Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431A NSC-LM3431A Datasheet
540Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431A NSC-LM3431A Datasheet
541Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
More results

Podobny opis - LM3431

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3431 NSC-LM3431_09 Datasheet
605Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431 NSC-LM3431_08 Datasheet
541Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431 NSC-LM3431 Datasheet
540Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
GS8206 ETC-GS8206 Datasheet
550Kb / 11P
   3 channel constant current LED driver
June 12,2016 version0.2
logo
Comchip Technology
TCA62724FMG COMCHIP-TCA62724FMG_15 Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
UCS1903 ETC2-UCS1903 Datasheet
1Mb / 10P
   3-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4103V-GT2 ONSEMI-CAT4103V-GT2 Datasheet
243Kb / 13P
   3-Channel Constant-Current RGB LED Driver
Doc. No. MD-5038, Rev. A
CAT4103 ONSEMI-CAT4103 Datasheet
162Kb / 13P
   3-Channel Constant-Current RGB LED Driver
March, 2010 ??Rev. 1
CAT4109 ONSEMI-CAT4109_15 Datasheet
187Kb / 10P
   3-Channel Constant-Current RGB LED Driver
May, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com