Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3424 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części LM3424
Szczegółowy opis  Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3424 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM3424 Datasheet HTML 6Page - Texas Instruments LM3424 Datasheet HTML 7Page - Texas Instruments LM3424 Datasheet HTML 8Page - Texas Instruments LM3424 Datasheet HTML 9Page - Texas Instruments LM3424 Datasheet HTML 10Page - Texas Instruments LM3424 Datasheet HTML 11Page - Texas Instruments LM3424 Datasheet HTML 12Page - Texas Instruments LM3424 Datasheet HTML 13Page - Texas Instruments LM3424 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
TEMPERATURE (°C)
255
250
245
240
235
230
225
-50
-14
22
58
94
130
TEMPERATURE (°C)
1000
100
-50
-14
22
58
94
130
RT = 12 kÖ
RT = 36 kÖ
TEMPERATURE (°C)
2.500
2.450
2.400
-50
-14
22
58
94
130
TEMPERATURE (°C)
248
246
244
242
240
-50
-14
22
58
94
130
TEMPERATURE (°C)
1.250
1.245
1.240
1.235
1.230
1.225
1.220
-50
-14
22
58
94
130
TEMPERATURE (°C)
7.20
7.10
7.00
6.90
6.80
6.70
-50
-14
22
58
94
130
LM3424
SNVS603B – AUGUST 2009 – REVISED OCTOBER 2009
www.ti.com
Typical Performance Characteristics (continued)
TA=+25°C and VIN = 14V unless otherwise specified
VCSH
VCC
vs.
vs.
Junction Temperature
Junction Temperature
VS
VLIM
vs.
vs.
Junction Temperature
Junction Temperature
tON-MIN
fSW
vs.
vs.
Junction Temperature
Junction Temperature
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Links: LM3424


Podobny numer części - LM3424

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3424 NSC-LM3424 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
LM3424 NSC-LM3424 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424 TI1-LM3424 Datasheet
2Mb / 69P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
LM3424-Q1 TI1-LM3424-Q1 Datasheet
2Mb / 69P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
National Semiconductor ...
LM3424MH NSC-LM3424MH Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
More results

Podobny opis - LM3424

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3424_0910 NSC-LM3424_0910 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
LM3424 NSC-LM3424 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424 TI1-LM3424 Datasheet
2Mb / 69P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510 TI1-TPS92510_12 Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510EVM-011 TI1-TPS92510EVM-011 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A, Constant-Current, Non-Synchronous Buck Converter for High-Brightness LEDs with Integrated Thermal Foldback
logo
Unisonic Technologies
L5107 UTC-L5107 Datasheet
229Kb / 9P
   CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com