Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3423Q1 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części LM3423Q1
Szczegółowy opis  N-Channel Controllers for Constant Current LED Drivers
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3423Q1 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM3423Q1 Datasheet HTML 3Page - Texas Instruments LM3423Q1 Datasheet HTML 4Page - Texas Instruments LM3423Q1 Datasheet HTML 5Page - Texas Instruments LM3423Q1 Datasheet HTML 6Page - Texas Instruments LM3423Q1 Datasheet HTML 7Page - Texas Instruments LM3423Q1 Datasheet HTML 8Page - Texas Instruments LM3423Q1 Datasheet HTML 9Page - Texas Instruments LM3423Q1 Datasheet HTML 10Page - Texas Instruments LM3423Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
LM3421, LM3421-Q1
LM3423, LM3423-Q1
www.ti.com
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
Electrical Characteristics
(1) (continued)
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range ( TJ = −40°C to +150°C for LM3421Q0/LM3423Q0, TJ = −40°C to +125°C for all others). Specifications
that differ between the two operating ranges will be identified in the Temp Range column as Q0 for TJ = −40°C to +150°C
and as Q1 for TJ = −40°C to +125°C. If no temperature range is indicated then the specification holds for both Q1 and Q0.
Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent the most
likely parametric norm at TJ = +25°C, and are provided for reference purposes only. Unless otherwise stated the following
condition applies: VIN = +14V.
Temp
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
Range
PULL-DOWN N-CHANNEL MosFETS
RRPD
RPD Pull-down Resistance
Q1
300
145
Q0
350
RFLT
FLT Pull-down Resistance
Q1
300
145
Q0
350
RLRDY
LRDY Pull-down Resistance
Q1
300
135
Q0
350
THERMAL SHUTDOWN
TSD
Thermal Shutdown Threshold
(4)
Q1
165
Q0
210
°C
THYS
Thermal Shutdown Hysteresis
(4)
25
THERMAL RESISTANCE
θJA
Junction to Ambient (5)
16L TSSOP
37.4
°C/W
20L TSSOP
34.0
θJC
Junction to Exposed Pad (EP)
16L TSSOP
2.3
°C/W
20L TSSOP
2.3
(5)
Junction-to-ambient thermal resistance is highly board-layout dependent. The numbers listed in the table are given for an reference
layout wherein the 16L TSSOP package has its EP pad populated with 9 vias and the 20L TSSOP has its EP pad populated with 12
vias. In applications where high maximum power dissipation exists, namely driving a large MosFET at high switching frequency from a
high input voltage, special care must be paid to thermal dissipation issues during board design. In high-power dissipation applications,
the maximum ambient temperature may have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum
operating junction temperature (TJ-MAX-OP = 125°C for Q1, or 150°C for Q0), the maximum power dissipation of the device in the
application (PD-MAX), and the junction-to ambient thermal resistance of the package in the application (θJA), as given by the following
equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX). In most applications there is little need for the full power dissipation capability of this
advanced package. Under these circumstances, no vias would be required and the thermal resistances would be 104 °C/W for the 16L
TSSOP and 86.7 °C/W for the 20L TSSOP. It is possible to conservatively interpolate between the full via count thermal resistance and
the no via count thermal resistance with a straight line to get a thermal resistance for any number of vias in between these two limits.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1


Podobny numer części - LM3423Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3423Q1 NSC-LM3423Q1 Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
LM3423Q1MH NSC-LM3423Q1MH Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
logo
Texas Instruments
LM3423Q1MH/NOPB TI1-LM3423Q1MH/NOPB Datasheet
2Mb / 72P
[Old version datasheet]   N-Channel Controllers for Constant-Current LED Drivers
logo
National Semiconductor ...
LM3423Q1MHX NSC-LM3423Q1MHX Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
logo
Texas Instruments
LM3423Q1MHX/NOPB TI1-LM3423Q1MHX/NOPB Datasheet
2Mb / 72P
[Old version datasheet]   N-Channel Controllers for Constant-Current LED Drivers
More results

Podobny opis - LM3423Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3421 NSC-LM3421_10 Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421 Datasheet
881Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421_09 Datasheet
906Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
logo
Texas Instruments
LM3421 TI1-LM3421 Datasheet
2Mb / 72P
[Old version datasheet]   N-Channel Controllers for Constant-Current LED Drivers
logo
National Semiconductor ...
LM3429_0908 NSC-LM3429_0908 Datasheet
1Mb / 34P
   N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
[Old version datasheet]   N-Channel Controller for Constant Current LED Drivers
logo
National Semiconductor ...
LM3429 NSC-LM3429 Datasheet
302Kb / 8P
   N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429_14 Datasheet
1Mb / 50P
[Old version datasheet]   LM3429Q1 N-Channel Controller for Constant Current LED Drivers
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com