Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3423Q0 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części LM3423Q0
Szczegółowy opis  N-Channel Controllers for Constant Current LED Drivers
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3423Q0 Arkusz danych(HTML) 2 Page - Texas Instruments

  LM3423Q0 Datasheet HTML 1Page - Texas Instruments LM3423Q0 Datasheet HTML 2Page - Texas Instruments LM3423Q0 Datasheet HTML 3Page - Texas Instruments LM3423Q0 Datasheet HTML 4Page - Texas Instruments LM3423Q0 Datasheet HTML 5Page - Texas Instruments LM3423Q0 Datasheet HTML 6Page - Texas Instruments LM3423Q0 Datasheet HTML 7Page - Texas Instruments LM3423Q0 Datasheet HTML 8Page - Texas Instruments LM3423Q0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
VCC
1
EN
VIN
OVP
RCT
FLT
DPOL
DDRV
HSP
AGND
COMP
CSH
DAP
RPD
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
nDIM
TIMR
LRDY
PGND
GATE
HSN
IS
21
VIN
OVP
RCT
AGND
COMP
CSH
nDIM
VCC
1
EN
DDRV
HSP
DAP
RPD
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PGND
GATE
HSN
IS
17
OVP
nDIM
LM3421
AGND
VIN
PGND
DDRV
DAP
GATE
EN
COMP
VIN
CSH
RCT
IS
HSP
RPD
VCC
HSN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ILED
PWM
VIN (V)
100
95
90
85
80
10
15
20
25
30
LM3421, LM3421-Q1
LM3423, LM3423-Q1
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
www.ti.com
Typical Boost Application Circuit
Figure 1. Boost Evaluation Board
9 Series LEDs at 1A
Connection Diagrams
Top View
Top View
Figure 2. 16-Lead TSSOP
Figure 3. 20-Lead TSSOP
Package Number PWP
Package Number PWP
PIN DESCRIPTIONS
LM3423
LM3421
Name
Description
Function
Bypass with 100 nF capacitor to AGND as close to the device as
1
1
VIN
Input Voltage
possible in the circuit board layout.
Connect to AGND for zero current shutdown or apply > 2.4V to
2
2
EN
Enable
enable device.
3
3
COMP
Compensation
Connect a capacitor to AGND to set the compensation.
Connect a resistor to AGND to set the signal current. For analog
4
4
CSH
Current Sense High
dimming, connect a controlled current source or a potentiometer to
AGND as detailed in the ANALOG DIMMING section.
External RC network sets the predictive “off-time” and thus the
5
5
RCT
Resistor Capacitor Timing
switching frequency.
Connect to PGND through the DAP copper pad to provide ground
6
6
AGND
Analog Ground
return for CSH, COMP, RCT, and TIMR.
Connect to a resistor divider from VO to program output over-voltage
7
7
OVP
Over-Voltage Protection
lockout (OVLO). Turn-off threshold is 1.24V and hysteresis for turn-on
is provided by 23 µA current source.
2
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1


Podobny numer części - LM3423Q0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3423Q0 NSC-LM3423Q0 Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
LM3423Q0MH NSC-LM3423Q0MH Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
logo
Texas Instruments
LM3423Q0MH/NOPB TI1-LM3423Q0MH/NOPB Datasheet
2Mb / 72P
[Old version datasheet]   N-Channel Controllers for Constant-Current LED Drivers
logo
National Semiconductor ...
LM3423Q0MHX NSC-LM3423Q0MHX Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
logo
Texas Instruments
LM3423Q0MHX/NOPB TI1-LM3423Q0MHX/NOPB Datasheet
2Mb / 72P
[Old version datasheet]   N-Channel Controllers for Constant-Current LED Drivers
More results

Podobny opis - LM3423Q0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3421 NSC-LM3421_10 Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421 Datasheet
881Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421_09 Datasheet
906Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
logo
Texas Instruments
LM3421 TI1-LM3421 Datasheet
2Mb / 72P
[Old version datasheet]   N-Channel Controllers for Constant-Current LED Drivers
logo
National Semiconductor ...
LM3429_0908 NSC-LM3429_0908 Datasheet
1Mb / 34P
   N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
[Old version datasheet]   N-Channel Controller for Constant Current LED Drivers
logo
National Semiconductor ...
LM3429 NSC-LM3429 Datasheet
302Kb / 8P
   N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429_14 Datasheet
1Mb / 50P
[Old version datasheet]   LM3429Q1 N-Channel Controller for Constant Current LED Drivers
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com