Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3298 Arkusz danych(PDF) 2 Page - NEC

Numer części 2SK3298
Szczegółowy opis  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

2SK3298 Arkusz danych(HTML) 2 Page - NEC

  2SK3298 Datasheet HTML 1Page - NEC 2SK3298 Datasheet HTML 2Page - NEC 2SK3298 Datasheet HTML 3Page - NEC 2SK3298 Datasheet HTML 4Page - NEC 2SK3298 Datasheet HTML 5Page - NEC 2SK3298 Datasheet HTML 6Page - NEC 2SK3298 Datasheet HTML 7Page - NEC 2SK3298 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D14059EJ1V0DS00
2
2SK3298
ELECTRICAL CHARACTERISTICS(TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain Leakage Current
IDSS
VDS = 600 V, VGS = 0 V
100
µA
Gate Leakage Current
IGSS
VGS =
±30 V, VDS = 0 V
±100
nA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
2.5
3.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 4.0 A
3.2
S
Drain to Source On-state Resistance
RDS(on)
VGS = 10 V, ID = 4.0 A
0.67
0.75
Input Capacitance
Ciss
VDS = 10 V
1580
pF
Output Capacitance
Coss
VGS = 0 V
280
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
25
pF
Turn-on Delay Time
td(on)
ID = 4.0 A
27
ns
Rise Time
tr
VGS(on) = 10 V
14
ns
Turn-off Delay Time
td(off)
VDD = 150 V
66
ns
Fall Time
tf
RG = 10
24
ns
Total Gate Charge
QG
ID = 7.5 A
34
nC
Gate to Source Charge
QGS
VDD = 450 V
8.2
nC
Gate to Drain Charge
QGD
VGS = 10 V
12.3
nC
Diode Forward Voltage
VF(S-D)
IF = 7.5 A, VGS = 0 V
1.0
V
Reverse Recovery Time
trr
IF = 7.5 A, VGS = 0 V
1.6
µs
Reverse Recovery Charge
Qrr
di/dt = 50 A/
µs
9.0
µC
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
50
PG.
L
VDD
VGS = 20
→ 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1 %
VGS
Wave Form
ID
Wave Form
VGS
10 %
90 %
VGS(on)
10 %
0
ID
90 %
90 %
td(on)
tr td(off)
tf
10 %
τ
ID
0
ton
toff
PG.
50
D.U.T.
RL
VDD
IG = 2 mA
5


Podobny numer części - 2SK3298

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SK3298 RENESAS-2SK3298 Datasheet
234Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3298B RENESAS-2SK3298B Datasheet
379Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
2SK3298B-S17-AY RENESAS-2SK3298B-S17-AY Datasheet
379Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
More results

Podobny opis - 2SK3298

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com