Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSB43EB43 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TSB43EB43
Szczegółowy opis  IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TSB43EB43 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TSB43EB43 Datasheet HTML 4Page - Texas Instruments TSB43EB43 Datasheet HTML 5Page - Texas Instruments TSB43EB43 Datasheet HTML 6Page - Texas Instruments TSB43EB43 Datasheet HTML 7Page - Texas Instruments TSB43EB43 Datasheet HTML 8Page - Texas Instruments TSB43EB43 Datasheet HTML 9Page - Texas Instruments TSB43EB43 Datasheet HTML 10Page - Texas Instruments TSB43EB43 Datasheet HTML 11Page - Texas Instruments TSB43EB43 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
3-Apr-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TSB43EA42ZGU
ACTIVE
BGA
MICROSTAR
ZGU
144
160
Green (RoHS
& no Sb/Br)
SNAGCU
Level-3-260C-168 HR
0 to 70
TSB43EA42
TSB43EA43ZGU
ACTIVE
BGA
MICROSTAR
ZGU
144
126
TBD
Call TI
Call TI
0 to 70
TSB43EA43
TSB43EB42ZGU
ACTIVE
BGA
MICROSTAR
ZGU
144
126
Green (RoHS
& no Sb/Br)
SNAGCU
Level-3-260C-168 HR
0 to 70
TSB43EB42
TSB43EC42ZGU
ACTIVE
BGA
MICROSTAR
ZGU
144
160
Green (RoHS
& no Sb/Br)
SNAGCU
Level-3-260C-168 HR
0 to 70
TSB43EC42
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


Podobny numer części - TSB43EB43

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSB43EB43 TI-TSB43EB43 Datasheet
206Kb / 13P
[Old version datasheet]   TI IEEE 1394a-2000 Consumer Electronics Solution
TSB43EB43 TI1-TSB43EB43 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
More results

Podobny opis - TSB43EB43

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSB43DA42 TI-TSB43DA42_08 Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI-TSB43DA42 Datasheet
200Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X_15 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI1-TSB43DA42_14 Datasheet
777Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EA42 TI-TSB43EA42 Datasheet
206Kb / 13P
[Old version datasheet]   TI IEEE 1394a-2000 Consumer Electronics Solution
TSB43CA43A TI1-TSB43CA43A Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43CA42 TI-TSB43CA42 Datasheet
1Mb / 97P
[Old version datasheet]   TI iceLynx-Micro??IEEE 1394a-2000 Consumer Electronics Solution
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com