Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSB12LV01B Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TSB12LV01B
Szczegółowy opis  IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TSB12LV01B Arkusz danych(HTML) 1 Page - Texas Instruments

  TSB12LV01B_14 Datasheet HTML 1Page - Texas Instruments TSB12LV01B_14 Datasheet HTML 2Page - Texas Instruments TSB12LV01B_14 Datasheet HTML 3Page - Texas Instruments TSB12LV01B_14 Datasheet HTML 4Page - Texas Instruments TSB12LV01B_14 Datasheet HTML 5Page - Texas Instruments TSB12LV01B_14 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.ti.com
FEATURES
DESCRIPTION
TSB12LV01B
SLLA212 – JUNE 2006
IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
Physical-Link Interface
Link Core
– Compatible With Texas Instruments
Physical Layer Devices (PHYs)
– Supports Provision of IEEE 1394-1995
(1394) Standard for High-Performance
– Supports Transfer Speeds of 100, 200, and
Serial Bus
400 Mbits/s
– Transmits and Receives Correctly
– Timing Compliant with IEEE 1394a–2000
Formatted 1394 Packets
Host Bus Interface
– Supports Asynchronous and Isochronous
– Provides Chip Control With Directly
Data Transfers
Addressable Registers
– Performs Function of 1394 Cycle Master
– Is Interrupt Driven to Minimize Host Polling
– Generates and Checks 32-Bit CRC
– Has a Generic 32-Bit Host Bus Interface
– Detects Lost Cycle-Start Messages
General
– Contains Asynchronous, Isochronous, and
– Operates From a 3.3-V Power Supply While
General-Receive FIFOs Totaling 2K Bytes
Maintaining 5-V Tolerant Inputs
– Manufactured With Low-Power CMOS
Technology
– 100-Pin PZT Package for 0
°C to 70°C and
-40
°C to 85°C (I Temperature) Operation
The TSB12LV01B is an IEEE 1394-1995 standard (from now on referred to only as 1394) high-speed serial-bus
link-layer controller that allows for easy integration into an I/O subsystem. The TSB12LV01B provides a
high-performance IEEE 1394-1995 interface with the capability of transferring data between the 32-bit host bus,
the 1394 PHY-link interface, and external devices connected to the local bus interface. The 1394 PHY-link
interface provides the connection to the 1394 physical (PHY) layer device and is supported by the link-layer
controller (LLC). The LLC provides the control for transmitting and receiving 1394 packet data between the FIFO
and PHY-link interface at rates of 100 Mbits/s, 200 Mbits/s, and 400 Mbits/s. The TSB12LV01B transmits and
receives correctly-formatted 1394 packets and generates and inspects the 32-bit cyclic redundancy check
(CRC). The TSB12LV01B is capable of being cycle master and supports reception of isochronous data on two
channels. TSB12LV01B has a generic 32-bit host bus interface, which will connect to most 32-bit hosts. The
LLC also provides the capability to receive status from the physical layer device and to access the physical layer
control and status registers by the application software. An internal 2K-byte memory is provided that can be
configured as multiple variable-size FIFOs and eliminates the need for external FIFOs. Separate FIFOs can be
user configured to support general 1394 receive, asynchronous transmit, and isochronous transmit transfer
operations. These functions are accomplished by appropriately sizing the general receive FIFO (GRF),
asynchronous transmit FIFO (ATF), and isochronous transmit FIFO (ITF).
The TSB12LV01B is a revision of the TSB12LV01A, with feature enhancements and corrections. It is pin for pin
compatible with the TSB12LV01A with the restrictions noted below. It is also software compatible with the
extensions noted below.
All errata items to the TSB12LV01A have been fixed, and the following feature enhancements have been made:
Two new internal registers have been added at CFR address 40h and 44h. The Host Bus Control Register
at 40h and the Mux Control Register @44h .
Three programmable general-purpose output pins have been added.
Several pin changes have been made. Refer to TSB12LV01A to TSB12LV01B Transition Document, TI
literature number SLLA081 dated May 2000.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TSB12LV01B_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSB12LV01B-EP TI1-TSB12LV01B-EP Datasheet
402Kb / 78P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV01BIPZT TI-TSB12LV01BIPZT Datasheet
438Kb / 77P
[Old version datasheet]   IEEE 1394-1995 HIGH SPEED SERIAL BUS LINK LAYER CONTROLLER
TSB12LV01BIPZTEP TI1-TSB12LV01BIPZTEP Datasheet
402Kb / 78P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV01BPZT TI-TSB12LV01BPZT Datasheet
438Kb / 77P
[Old version datasheet]   IEEE 1394-1995 HIGH SPEED SERIAL BUS LINK LAYER CONTROLLER
More results

Podobny opis - TSB12LV01B_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSB12LV01B TI-TSB12LV01B Datasheet
438Kb / 77P
[Old version datasheet]   IEEE 1394-1995 HIGH SPEED SERIAL BUS LINK LAYER CONTROLLER
TSB12LV01B-EP TI1-TSB12LV01B-EP Datasheet
402Kb / 78P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV41A TI-TSB12LV41A Datasheet
587Kb / 199P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV42 TI-TSB12LV42 Datasheet
686Kb / 175P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Digital Video
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
TSB12LV32 TI-TSB12LV32 Datasheet
456Kb / 113P
[Old version datasheet]   IEEE 1394-1995 and P1394a Compliant General-Purpose Link-Layer Controller
TSB12LV32-EP TI1-TSB12LV32-EP Datasheet
1Mb / 105P
[Old version datasheet]   IEEE 1394-1995 and P1394a Compliant General-Purpose Link-Layer Controller
TSB12C01A TI-TSB12C01A Datasheet
275Kb / 59P
[Old version datasheet]   High-Speed Serial-Bus Link-Layer Controller
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com