Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSB12LV26PZTG4 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części TSB12LV26PZTG4
Szczegółowy opis  OHCI-Lynx??PCI-Based IEEE 1394 Host Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TSB12LV26PZTG4 Arkusz danych(HTML) 2 Page - Texas Instruments

  TSB12LV26PZTG4 Datasheet HTML 1Page - Texas Instruments TSB12LV26PZTG4 Datasheet HTML 2Page - Texas Instruments TSB12LV26PZTG4 Datasheet HTML 3Page - Texas Instruments TSB12LV26PZTG4 Datasheet HTML 4Page - Texas Instruments TSB12LV26PZTG4 Datasheet HTML 5Page - Texas Instruments TSB12LV26PZTG4 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
5-Feb-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TSB12LV26PZT
ACTIVE
TQFP
PZT
100
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-4-260C-72 HR
0 to 70
TSB12LV26
F731652A
TSB12LV26PZTG4
ACTIVE
TQFP
PZT
100
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-4-260C-72 HR
0 to 70
TSB12LV26
F731652A
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Podobny numer części - TSB12LV26PZTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSB12LV26PZTG4 TI-TSB12LV26PZTG4 Datasheet
62Kb / 5P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host Controller
More results

Podobny opis - TSB12LV26PZTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSB12LV26PZT TI-TSB12LV26PZT Datasheet
62Kb / 5P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host Controller
TSB12LV22 TI-TSB12LV22 Datasheet
657Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26-EP TI1-TSB12LV26-EP Datasheet
472Kb / 85P
[Old version datasheet]   OHCI-LYNX PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26 TI-TSB12LV26 Datasheet
391Kb / 91P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26-EP TI1-TSB12LV26-EP_14 Datasheet
476Kb / 85P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host controller
TSB12LV22 TI1-TSB12LV22_12 Datasheet
586Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV23 TI-TSB12LV23 Datasheet
342Kb / 85P
[Old version datasheet]   TSB12LV23 OHCI-Lynx PCI-Based IEEE 1394 Host Controller
logo
National Semiconductor ...
CS4210 NSC-CS4210 Datasheet
1Mb / 102P
   IEEE 1394 OHCI Controller
logo
Texas Instruments
TSB82AF15-EP TI-TSB82AF15-EP Datasheet
3Mb / 177P
[Old version datasheet]   TSB82AF15-EP PCI Express-Based IEEE 1394b OHCI Host Controller
logo
List of Unclassifed Man...
VT6305 ETC-VT6305 Datasheet
220Kb / 35P
   PCI 1394 Host Controller
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com