Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U15P4YZQE Arkusz danych(PDF) 9 Page - C&K Components

Numer części U15P4YZQE
Szczegółowy opis  Miniature Toggle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CK-COMPONENTS [C&K Components]
Strona internetowa  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

U15P4YZQE Arkusz danych(HTML) 9 Page - C&K Components

Back Button U15P4YZQE Datasheet HTML 5Page - C&K Components U15P4YZQE Datasheet HTML 6Page - C&K Components U15P4YZQE Datasheet HTML 7Page - C&K Components U15P4YZQE Datasheet HTML 8Page - C&K Components U15P4YZQE Datasheet HTML 9Page - C&K Components U15P4YZQE Datasheet HTML 10Page - C&K Components U15P4YZQE Datasheet HTML 11Page - C&K Components U15P4YZQE Datasheet HTML 12Page - C&K Components U15P4YZQE Datasheet HTML 13Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PC MOUNTING
PC MOUNTING
7000 Series
Miniature Toggle Switches
TERMINATIONS
Actuator Shown In Pos. 1
Terminals & Support
Switch supportwith CW, H, H3, H4, Y1, Y4
bushings and KXX actuators.
PC MOUNTING
Actuator Shown In Pos. 1
PC MOUNTING
Actuator Shown In Pos. 1
SECTION A-A
A2
RIGHT ANGLE, PC THRU-HOLE,
.156" PITCH
A4
RIGHT ANGLE, PC THRU-HOLE
.156" PITCH
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE,
.150" PITCH
Not available with I seal option.
Terminal bend radii and lead-in manufacturing option.
Not available with KXX & TXX actuators, CW, H, H3, H4, Y1 & Y4 bushings,
and I seal. Terminal bend radii and lead-in manufacturing option.
NOTE: The A4 option is available with any contact material and can be UL recognized and
CSA certified. The PC pattern must clear switch support legs.
Not available with TXX actuators and I seal.
Terminal bend radii and lead-in manufacturing option.
7101MHA2BE
Horizontal Actuation
SPDT
7101MD9AV2BE
Horizontal Actuation
SPDT
7101MD9A4BE
Horizontal Actuation
SPDT
Part No. Shown: 7101MHA2BE
Actuator Shown In Pos. 1
SECTION A-A
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE,
.150" PITCH
Not available with I seal option.
Terminal bend radii and lead-in manufacturing option.
7201MD9AV2BE
Vertical Actuation
DPDT
F–11
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F


Podobny numer części - U15P4YZQE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
U15 CK-COMPONENTS-U15 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
Ferroxcube Internationa...
U15-11-6 FERROXCUBE-U15-11-6 Datasheet
52Kb / 4P
   U, I cores and accessories
logo
Intronics Power, Inc.
U15-12D12 INTRONICS-U15-12D12 Datasheet
182Kb / 1P
   DC/DC MODULES
U15-12D15 INTRONICS-U15-12D15 Datasheet
182Kb / 1P
   DC/DC MODULES
U15-12D5 INTRONICS-U15-12D5 Datasheet
182Kb / 1P
   DC/DC MODULES
More results

Podobny opis - U15P4YZQE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
   Miniature Toggle Switches
logo
E-SWITCH
100SP1T1B1M1QEH E-SWITCH-100SP1T1B1M1QEH Datasheet
1Mb / 10P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com